Selected language     English  ā–¼


C-1001Y Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part No. C-1001Y
Description  1.00 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Homepage  http://www.para.com.tw
Logo 

 
 2 page
background image
1.00
INCH
SINGLE
DIGIT
DISPLAY
C-1001Y G/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-07-0136
DATE : 2007-07-31
Page : 2
Release
by
PARALIGHTDCC




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl