Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-1201SR Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-1201SR
Description  1.2 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-1201SR Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-1201SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-1201SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-1201SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-1201SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-1201SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-1201SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-1201SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-1201SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-1201SR Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1.2
INCH
SINGLE
DIGIT
DISPLAY
C-1201SR
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-09-0159
DATE : 2009-10-16
Page : 7
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Similar Part No. - C-1201SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-1201SR ETC-C-1201SR Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-1201SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-1201UB PARALIGHT-A-1201UB Datasheet
195Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
A-1201Y PARALIGHT-A-1201Y Datasheet
208Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
A1201SR PARALIGHT-A1201SR Datasheet
208Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201E PARALIGHT-C-1201E Datasheet
210Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201Y PARALIGHT-C-1201Y Datasheet
207Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
A-1201G PARALIGHT-A-1201G Datasheet
286Kb / 12P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201G PARALIGHT-C-1201G Datasheet
209Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
logo
Inolux Corporation
HNTS120 INOLUX-HNTS120 Datasheet
1Mb / 17P
   1.2 Single Digit Numeric Display
logo
Kingbright Corporation
PSA12-11SRWA KINGBRIGHT-PSA12-11SRWA Datasheet
204Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11YWA KINGBRIGHT-PSC12-11YWA Datasheet
205Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com