Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-1801SR Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-1801SR
Description  1.8 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-1801SR Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-1801SR Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-1801SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1.8
INCH
SINGLE
DIGIT
DISPLAY
C-1801SR G/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.01") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-07-0012
DATE : 2007-01-23
Page : 2
HD-R/RD013


Similar Part No. - C-1801SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-1801SR ETC-C-1801SR Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-1801SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-1801G PARALIGHT-C-1801G Datasheet
196Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801G PARALIGHT-A-1801G Datasheet
259Kb / 12P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801SR PARALIGHT-A-1801SR Datasheet
195Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801Y PARALIGHT-A-1801Y Datasheet
194Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
logo
LIGITEK electronics co....
LSD1805-62-XX LIGITEK-LSD1805-62-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64-XX LIGITEK-LSD1805-64-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-66-XX LIGITEK-LSD1805-66-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX-PF LIGITEK-LSD1805-65-XX-PF Datasheet
149Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-67-XX LIGITEK-LSD1805-67-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-61-XX LIGITEK-LSD1805-61-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com