Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-3001E Datasheet(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-3001E
Description  3.00 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-3001E Datasheet(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-3001E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-3001E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-3001E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-3001E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-3001E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-3001E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-3001E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-3001E Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. C-3001E Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3.00
INCH
SINGLE
DIGIT
DISPLAY
C-3001E
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-09-0075
DATE : 2009-04-02
Page : 8
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Similar Part No. - C-3001E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-3001E ETC1-C-3001E Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-3001E

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-3001G PARALIGHT-C-3001G Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001SR PARALIGHT-C-3001SR Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001SR PARALIGHT-A-3001SR Datasheet
162Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001Y PARALIGHT-C-3001Y Datasheet
210Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001UB PARALIGHT-A-3001UB Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001Y PARALIGHT-A-3001Y Datasheet
208Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
FYS-30012AX-00 FORYARD-FYS-30012AX-00 Datasheet
821Kb / 5P
   3.00 Inch (76.50mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com