Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM84520BP Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM84520BP
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520BP Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM84520BP Datasheet HTML 1Page - ELAN Microelectronics Corp EM84520BP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84520BP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84520BP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84520BP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84520BP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84520BP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84520BP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84520BP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
3
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
FUNCTION DESCRIPTIONS
(I) Serial Scrolling Mouse :
In Microsoft mode, the transmission cycle consists of four bytes in one report. Each byte contains one start
bit, 7 data bits and two stop bits. The first byte contains "L", "R" key status and four bits of the two most
significant bits in horizontal counter and vertical counter. The second byte represents the value accumulated
by horizontal counter, the third byte is the data of the vertical counter. The last byte contains "M" key status
and Z-axis value. The vertical data is transmitted in 2's complement.
Output byte arrange
Bit no.
......
654321
0
1st byte
......
1
L
R
V7'
V6'
H7
H6
2nd byte
....
0
H5
H4
H3
H2
H1
H0
3rd byte
....
0
V5'
V4'
V3'
V2'
V1'
V0'
4th byte
....
0
0
M
Z3
Z2
Z1
Z0
Plug & Play ID code
When RTS input from low to high, EM84520 will send a string ID code. Customer can specify the contains
of the code area and the total lenth below 100 bytes by changing the code layer.
Field Name
Length
Field Data
Description
Other ID
<17
4D, 5A, 40, 00, 00, 00
ID for legacy
Begin ID
1
08
Begin PnP ID
PnP Revision
2
01, 24
Version 1.00
EISA ID
3
25, 2D, 23
EMC
Product ID
4
10, 10, 10, 11
0001
Serial Number
9
3C
None provided
Class ID
<34
3C, 2D, 2F, 35, 33, 25
Mouse Class
Driver ID
<42
3C, 30, 2E, 30, 10 26, 10, 21
PnP0F0A
User Name
<42
3C, 25, 2D, 23, 00, 33, 23, 32,
EMC SCROLLING
2F, 2C, 2C, 29, 2E, 27, 00, 33,
SERIAL MOUSE
25, 32, 29, 21, 2C, 00, 2D, 2F,
35, 33, 25
Check sum
2
21, 15
2 bytes checks um
End PnP
1
09
End PnP ID
(II) Legacy PS/2 mouse operating:
(A) Operating mode
There are four operating modes in PS/2 mouse:
a. Reset Mode:
In this mode a self-test is initiated during power-on or by a Reset command. After reset signal, PS/2 mouse
will :
(a) Send completion code AA & ID code 00.
(b) Set default :


Similar Part No. - EM84520BP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502AM EMC-EM84502AM Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502AP EMC-EM84502AP Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502BM EMC-EM84502BM Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502BP EMC-EM84502BP Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
More results

Similar Description - EM84520BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
   TWO IN ONE SCROLLING MOUSE CONTROLLER
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
   2-IN-ONE MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
   PS/2 SCROLLING MOUSE CONTROLIER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
   ALL IN ONE MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
   ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
   ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com