Electronic Components Datasheet Search |
|
EM84520CP Datasheet(PDF) 11 Page - ELAN Microelectronics Corp |
|
EM84520CP Datasheet(HTML) 11 Page - ELAN Microelectronics Corp |
11 / 19 page EM84520 2-IN-ONE SCROLLING MOUSE CONTROLLER 11 * This specification are subject to be changed without notice. 6.28.1999 Preliminary Preliminary Preliminary Preliminary Preliminary DC ELECTRICAL CHARACTERISTICS (T A=25°C to 70°C) Parameters Sym. Min. Typ. Max. Unit X1,X2,Y1,Y2,Z1,Z2 (photo mode) I PL 70 - - µA low input reference current X1,X2,Y1,Y2,Z1,Z2 (photo mode) I Ph - - 106 µA high input reference current X1,X2,Y1,Y2,Z1,Z2 (photo mode) V PI1 0.8 - 1.2 V input current (input impedance) (80 µA) X1,X2,Y1,Y2,Z1,Z2 (photo mode) V PI2 1.5 - 2.1 V input current (input impedance) (500 µA) L,M,R,OPT,Z1,Z2 (key mode) Vail - - 1.5 V input low voltage L,M,R,OPT,Z1,Z2 (key mode) Vaih 3.5 - - V input high voltage Z1,Z2 (voltage mode) Vs -0.3 - +0.3 V sensitivity L,M,R,Z1,Z2 (key & voltage mode) Imi 18 - 56 µA input current (Vin=5V) OPT Ixi -18 - -56 µA input current OPT Vopt 4.5 - - V high output current (Iopt=20mA) L,M,R,X1,X2,Y1,Y2,Z1,Z2 Iil 0 - -1.0 µA input leakage current (Vin=0V) OPT Iih 0 - 1.0 µA input leakage current (Vin=5V) OSC.OUT Iosc 3 - 3.6 mA Sink current ABSOLUTE MAXIMUM RATINGS Parameter Ratings Unit Min. Max. Temperature under bias 0 70 °C Storage temperature range -65 150 °C Supply voltage -0.3 7.5 V Power dissipation - 500 mW |
Similar Part No. - EM84520CP |
|
Similar Description - EM84520CP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |