Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM84520EP Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM84520EP
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520EP Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM84520EP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84520EP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84520EP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84520EP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84520EP Datasheet HTML 9Page - ELAN Microelectronics Corp EM84520EP Datasheet HTML 10Page - ELAN Microelectronics Corp EM84520EP Datasheet HTML 11Page - ELAN Microelectronics Corp EM84520EP Datasheet HTML 12Page - ELAN Microelectronics Corp EM84520EP Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
9
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
(III). Microsoft PS/2 scrolling mouse mode:
(A) Entering procedure: Except in WRAP mode, while EM84520 received the following consecutive
command.
i. F3 C8
---- set sampling rate 200/sec
ii. F3 64
---- set sampling rate 100/sec
iii. F3 50
---- set sampling rate 80/sec
(B) Operating:
a. All of the commands in legacy mode still be valid.
b. The ID code of read device type command (F2) will changed from "00" to be "03".
c. Data report will be four bytes format:
Byte
Bit
Description
1
0
Left button status; 1 = pressed
1
Right button status; 1 = pressed
2
Middle button status; 1 = pressed
3
Reserve
4
X data sign; 1 = negative
5
Y data sign; 1 = negative
6
X data overflow; 1 = overflow
7
Y data overflow; 1 = overflow
2
0-7
X data ( D0 - D7 )
3
0-7
Y data ( D0 - D7 )
4
0-7
Z data ( D0 - D7 )
(C) Exiting Microsoft scrolling mode:
There are two ways to exit:
a. Power off.
b. Reset command (FF).
(IV). Z-axis Input Function :
(a) Photo couples input : Z-axis counter accumulates the Z1, Z2 phase changed by movement.
(b) Key-switches input : Pressing Z1, Z2 will start to fill the Z-axis counter with the value beginning at one.
Toggling "M" key can increase the value any time by one. The limit value is
±7.
(c) The relationship between the value and the transmission rate as follows :


Similar Part No. - EM84520EP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502AM EMC-EM84502AM Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502AP EMC-EM84502AP Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502BM EMC-EM84502BM Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502BP EMC-EM84502BP Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
More results

Similar Description - EM84520EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
   TWO IN ONE SCROLLING MOUSE CONTROLLER
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
   2-IN-ONE MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
   PS/2 SCROLLING MOUSE CONTROLIER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
   ALL IN ONE MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
   ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
   ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com