Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-010386-CA3A40 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-010386-CA3A40
Description  Auto-Transformer 1:3
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-010386-CA3A40 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MABA-010386-CA3A40 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-010386-CA3A40 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-010386-CA3A40 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-010386-CA3A40 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Auto-Transformer 1:3
5 MHz - 2400 MHz
Rev. V1
MABA-010386-CA3A40
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Part Number
Description
MABA-010386-CA3A40
Tape & Reel
Ordering Information
Rev
Date
Description
ECO
V1
2010-9-7
New Release
20101297
ECO History
Recommended Maximum Ratings
Parameter
Units
Max
Input Power
mW
250
DC Current
mA
200
Operating Temperature Range
ºC
+85
Storage Temperature Range
ºC
+125
Min
-40
-55
Tape & Reel Information
Parameter
Units
Value
Qty per reel
-
2000
Reel size
mm
330
Tape width (W)
mm
16.0
Pitch (P1)
mm
8.0
A0
mm
4.5
B0
mm
8.0
K0
mm
3.2
Orientation
-
F45
Reference Application Note ANI-019 for orientation
Temperature data available on request


Similar Part No. - MABA-010386-CA3A40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010386-CA3A40 MA-COM-MABA-010386-CA3A40_15 Datasheet
195Kb / 4P
   Auto-Transformer
More results

Similar Description - MABA-010386-CA3A40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0063 MA-COM-MABACT0063 Datasheet
80Kb / 4P
   1.5:1 Auto Transformer
MABACT0063_V2 MA-COM-MABACT0063_V2 Datasheet
80Kb / 4P
   1.5:1 Auto Transformer
MABACT0063 MA-COM-MABACT0063_15 Datasheet
80Kb / 4P
   1.5:1 Auto Transformer
DS-MABACT0061 MA-COM-DS-MABACT0061 Datasheet
285Kb / 3P
   4:1 Auto Transformer
DS-MABAES0034 MA-COM-DS-MABAES0034 Datasheet
312Kb / 1P
   RF 4:1 Auto Transformer
MABACT0061 MA-COM-MABACT0061 Datasheet
84Kb / 3P
   4:1 Auto Transformer 5-1200MHz
MABA-010441-CT38A0 MA-COM-MABA-010441-CT38A0 Datasheet
132Kb / 4P
   Transformer, 1:3
MABA-010441-CT38A0 MA-COM-MABA-010441-CT38A0 Datasheet
132Kb / 4P
   Transformer, 1:3
logo
Tyco Electronics
MABACT0061 MACOM-MABACT0061 Datasheet
79Kb / 3P
   4:1 Auto Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0063 MA-COM-MABACT0063 Datasheet
81Kb / 3P
   1.5:1 Auto Transformer 5-1000MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com