Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-010400-CT18A0 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-010400-CT18A0
Description  Transformer, 1:1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-010400-CT18A0 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MABA-010400-CT18A0 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-010400-CT18A0 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-010400-CT18A0 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-010400-CT18A0 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Transformer, 1:1
40 MHz - 200 MHz
Rev. V1
MABA-010400-CT18A0
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Part Number
Description
MABA –010400-CT18A0
Tape & Reel
MABA –010400-CT18TB
Customer Evaluation Board
Ordering Information
Rev
Date
Description
ECO
V1
28 July 2010
Released
20100951
ECO History
Recommended Maximum Ratings
Parameter
Units
Max
Input Power
mW
250
DC Current
mA
200
Operating Temperature Range
ºC
+85
Storage Temperature Range
ºC
+125
Min
-40
-55
Tape & Reel Information
Parameter
Units
Value
Qty per reel
-
2000
Reel size
mm
330
Tape width (W)
mm
12.0
Pitch (P1)
mm
8.0
A0
mm
5.6
B0
mm
4.5
K0
mm
4.0
Orientation
-
F26
Reference Application Note ANI-019 for orientation
Temperature data available on request


Similar Part No. - MABA-010400-CT18A0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
   Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0_15 Datasheet
123Kb / 4P
   Transformer
More results

Similar Description - MABA-010400-CT18A0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
   Transformer, 1:1
MABA-010411-CT1160 MA-COM-MABA-010411-CT1160 Datasheet
158Kb / 4P
   Transformer, 1:1
MABACT0062 MA-COM-MABACT0062 Datasheet
147Kb / 4P
   Transformer, 1:1
MABA-010726-CT1007-V1 MA-COM-MABA-010726-CT1007-V1 Datasheet
1Mb / 4P
   Transformer, 1:1
MABA-011009-V2 MA-COM-MABA-011009-V2 Datasheet
584Kb / 4P
   Transformer, 1:1
DS-MABA-009572-CF18A0 MA-COM-DS-MABA-009572-CF18A0 Datasheet
158Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com