Electronic Components Datasheet Search |
|
EM91420 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp |
|
EM91420 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp |
6 / 24 page EM91420 SERIES TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR 6 * This specification are subject to be changed without notice. 10.1.1997 Redialing: After normal dialing, directly keying F key (or On-Off hook once) and keying RD key on keyboard. The numbers that are stored into LNB memory will be dialed output. Repertory memory The EM91420 series incorporated several sets repertory memory and each one can store number up to 16 digits. These memories were designed to 20 sets types. As in memory storing, if stored numbers are more than 16 digits that only the previous 16 digits can be stored into specific memory. Otherwise, these numbers can be stored entirely. After memory dialed out, the content of LNB is keeping to current data. Storing of 20 sets memory Indirect (three-touch) operation Off-hook (or turn on HF function), push (ST, d1, d2, .. , dn, ST, n, n.) The numbers d1, d2, .. , dn will be stored into memory location “n n”. The “n n” expressed digital number from 01 to 20. Dialing (after memory dialed out, the content of LNB is keeping to current data) Indirect (three-touch) memory • To select Pulse or Tone mode. • Off-hook (or Turn on HF function), push A, n , n key. The numbers that are stored in indirect memory location “n n” will be dialed out in Pulse or Tone mode as selection . The “n n” expressed digital number from 01 to 20. Pause (P) key operation The Pause (P) key is designed to support pause operation in dialing duration. “P” key can be stored in memory and it will occupy one digital position. • To select Pulse or Tone mode. • Off-hook (or turn on HF function), push (d1, d2, .. , dn, RD/P, k1, k2, .. , kn.) These numbers will be dialed out as following sequence: d1, d2, .. , dn, Tp, k1, k2, .. , kn. Pulse to Tone (*/T) key operation The Pulse to Tone (*/T) key is designed to support toll dialing (long distance call) or PABX system operation. The “*/T” key can be stored in memory and it will occupy one digital position. • To select Pulse mode. • Off-hook (or turn on HF function), push d1, d2, .. , dn, */T, k1, k2, .. , kn. These numbers will be dialed out as following sequence: d1, d2, .. , dn, Tpt, k1, k2, .. , kn. (pulse mode) (tone mode) |
Similar Part No. - EM91420 |
|
Similar Description - EM91420 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |