Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM91401AP Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM91401AP
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91401AP Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM91401AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM91401AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM91401AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM91401AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM91401AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM91401AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM91401AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM91401AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM91401AP Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
EM91401 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND DUAL-TONE MELODY GENERATOR
7
* This specification are subject to be changed without notice.
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
10.1.1997
Operating flow chart
1
HF
HF
On-hook state
HKS=Hi
HKS=Lo
4
On-hook
Hand-free state
HKS=Lo
2
Off-Hook state
HF
HF
HF
3
Off-Hook
Hand-free state
HKS=Hi
HF
HD
HD HD
HD
HD
6
Off-Hook
Hold-line state
HKS=Hi
HKS=Lo
5
Off-Hook
Hold-free state
<Note> : HF = Handfree
HD = Hold
Truth table
Operating state
Input/Output pin level
HKS
PO
XMUTE
HFO
HDO
(1) On-hook, idle state
H
F
F
L
L
(2) Off-hook line
L
F
F
L
L
(3) Off-hook, HF line
L
F
F
H
L
(4) On-hook, HF line
H
F
F
H
L
(5) Off-hook, HD line
L
F
L
L
H
(6) On-hook, HD line
H
F
L
L
H
Note : F=floating (high impedance); H=logic “High”; L=logic “Low” level.
Music on Hold
EM91401 series built-in a melody generator to generate dual-tone music on DTMF output pin. The music is
designed for telephone line at line holding.
• Turn on Handfree (HF) function. (HFO pin switched to “High”)
Special Note:
A 300 ms delay time (Tdly) at the first Off-Hook or turn on Handfree that is a special designed to avoid a rapid
key entry (dummy number ) in this time duration ,and a long distance call number follows. For example,
Off-Hook , “3” ,............ , “0” ,1,2,3......
Dummy key
Lock number key
The dummy number “3” is not detected by the centered office or PABX ,but the following numbers “0” ,1,2,3...
long distance call can be dialed out normally since the leading number “3” is not the Lock-number defined in
EM91401 series. To prevent the unavoidable long distance call, then EM91401 inhibits the key entry during
Tdly.
ON-Hook
Hold-line state


Similar Part No. - EM91401AP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91403 EMC-EM91403 Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403A EMC-EM91403A Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403AP EMC-EM91403AP Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403B EMC-EM91403B Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403BP EMC-EM91403BP Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
More results

Similar Description - EM91401AP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91410 EMC-EM91410 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403 EMC-EM91403 Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91420 EMC-EM91420 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com