Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM91420A Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM91420A
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91420A Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM91420A Datasheet HTML 4Page - ELAN Microelectronics Corp EM91420A Datasheet HTML 5Page - ELAN Microelectronics Corp EM91420A Datasheet HTML 6Page - ELAN Microelectronics Corp EM91420A Datasheet HTML 7Page - ELAN Microelectronics Corp EM91420A Datasheet HTML 8Page - ELAN Microelectronics Corp EM91420A Datasheet HTML 9Page - ELAN Microelectronics Corp EM91420A Datasheet HTML 10Page - ELAN Microelectronics Corp EM91420A Datasheet HTML 11Page - ELAN Microelectronics Corp EM91420A Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EM91420 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND DUAL-TONE MELODY GENERATOR
8
* This specification are subject to be changed without notice.
10.1.1997
1
On-hook State
2
Off-hook State
4
On-hook
Hand-free State
HKS=Lo
HKS=Lo
HKS=Hi
HF
HF
HD
HF
HD
6
On-hook
Hold-line State
3
Off-hook
Hand-free State
HF
HF
HF
HD
HKS=Hi
HKS=Lo
5
Off-hook
Hold-line State
HD
HD
HKS=Hi
0
1
bit 0
bit1
bit2
bit3
bit4
bit5
ready
start bits
data bits
0
1
stop bits
Operating flow chart
<Note> : HF = Handfree
HD = Hold
Truth table
Operating state
Input/Output pin level
HKS
PO
XMUTE
HFO
HDO
(0) On-hook, idle state
H
F
F
L
L
(1) Off-hook line
L
F
F
L
L
(2) Off-hook, HF line
L
F
F
H
L
(3) On-hook, HF line
H
F
F
H
L
(4) Off-hook, HD line
L
F
L
L
H
(5) On-hook, HD line
H
F
L
L
H
Note : F=floating (high impedance); H=logic “High”; L=logic “Low” level.
Music on Hold
EM91420 series built-in a melody generator to generate dual-tone music on DTMF output pin. The music is
designed for telephone line at line holding.
SDO (Serial Data Output) function
The SDO is serial data output which format is same as UART protocol. SDO function is designed to drive LCD
driver and voice synthesizer. So the dialing numbers can be display on LCD screen with EM32100 (or EM32116
). The SDO signal consists of two start bits, six data bits and two stop bits. Each bit time is about 3.9 ms (256 Hz)
and output sequences are following by start bits, data bits (LSB to MSB) and stop bits.


Similar Part No. - EM91420A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401A EMC-EM91401A Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401AP EMC-EM91401AP Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401B EMC-EM91401B Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401BP EMC-EM91401BP Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
More results

Similar Description - EM91420A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91410 EMC-EM91410 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403 EMC-EM91403 Datasheet
174Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com