Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM91450A Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM91450A
Description  TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91450A Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM91450A Datasheet HTML 1Page - ELAN Microelectronics Corp EM91450A Datasheet HTML 2Page - ELAN Microelectronics Corp EM91450A Datasheet HTML 3Page - ELAN Microelectronics Corp EM91450A Datasheet HTML 4Page - ELAN Microelectronics Corp EM91450A Datasheet HTML 5Page - ELAN Microelectronics Corp EM91450A Datasheet HTML 6Page - ELAN Microelectronics Corp EM91450A Datasheet HTML 7Page - ELAN Microelectronics Corp EM91450A Datasheet HTML 8Page - ELAN Microelectronics Corp EM91450A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EM91450 SERIES
TONE/PULSE DIALER WITH LCD INTERFACE
AND I.P.P. DETECT FUNCTION
5
* This specification are subject to be changed without notice.
2.10.1999
FUNCTION DESCRIPTIONS
Dialing signal selection
The EM91450 series incorporated a special keyboard scanning function that is connecting a resistor (typically
is 560 Kohms) on keyboard scan pin to select many telephone specifications. The specifications are described
as following :
a. Mode
b. M/B ratio
ROW1
Mode
ROW2
MBR (%)
R-Vdd
20 PPS
NR
40:60
NR
Tone
R-Vss
33:66
R-Vss
10 PPS
c. Flash time
d. Lock control method
ROW3
ROW4
Tf (ms)
COL1
Control method
NR
NR
600
R-Vdd
key lock
NR
R-Vss
100
NR
none lock
R-Vss
NR
80
R-Vss
password lock
R-Vss
R-Vss
300
e. Lock number
COL2
COL3
Lock number
NR
NR
none
NR
R-Vss
0
R-Vss
NR
9
R-Vss
R-Vss
0,9
Normal dialing
Directly keying digital key on keyboard which number can be dialing output and stored in LNB memory
automatically. Operating procedure described as follow :
• To select Pulse or Tone mode.
• Off-hook or turn on HF function.
• Keying d1, d2, .. , dn. The "d" expressed digital keypad that included 1~9, *, 0, #, P, and P
→T keys. The "n"
expressed unlimited.
• The numbers d1, d2, .. , dn will be dialed out in Pulse or Tone mode as selection.
LNB redial memory
Storing:
In normal dialing mode, every digital key was entry which number will be stored in LNB memory
automatically. If entry digits are more than 32 digits, the redial function of LNB memory will be disabled.
Otherwise, these numbers stored in LNB memory can be redial output.


Similar Part No. - EM91450A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91455A EMC-EM91455A Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91455AP EMC-EM91455AP Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91455B EMC-EM91455B Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91455BP EMC-EM91455BP Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
More results

Similar Description - EM91450A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91240 EMC-EM91240 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91220 EMC-EM91220 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com