Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM91465C Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM91465C
Description  TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91465C Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM91465C Datasheet HTML 2Page - ELAN Microelectronics Corp EM91465C Datasheet HTML 3Page - ELAN Microelectronics Corp EM91465C Datasheet HTML 4Page - ELAN Microelectronics Corp EM91465C Datasheet HTML 5Page - ELAN Microelectronics Corp EM91465C Datasheet HTML 6Page - ELAN Microelectronics Corp EM91465C Datasheet HTML 7Page - ELAN Microelectronics Corp EM91465C Datasheet HTML 8Page - ELAN Microelectronics Corp EM91465C Datasheet HTML 9Page - ELAN Microelectronics Corp EM91465C Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
EM91465 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND I.P.P. DETECT FUNCTION
6
* This specification are subject to be changed without notice.
9.24.1998
Redialing:
After normal dialing, directly keying F key (or On-Off hook once) and keying RD key on keyboard. The
numbers that are stored into LNB memory will be dialed output.
Repertory memory
The EM91465 series incorporated several sets repertory memory and each one can store number up to 16 digits.
In memory storing, if stored numbers are more than 16 digits that only the previous 16 digits can be stored
into specific memory. Otherwise, these numbers can be stored entirely.
Storing of 13 sets memory types
Direct (one-touch) operation
Off-hook (or turn on HF function), push (ST, d1, d2, .. , dn [ST], EMn or M1~M10 (ROW5 optioned).) The
numbers d1, d2, .. , dn will be stored into memory location “EMn” or Mn. The “EMn” expressed emergency
memory EM1 to EM3. The Mn expressed memory M1~M10.
Indirect (two-touch) operation
Off-hook (or turn on HF function), push (ST, d1, d2, .. , dn, ST, n.) The numbers d1, d2, .. , dn will be stored
into memory location “n”. The “n” expressed digital key from 0 to 9.
Dialing
Direct (one-touch) memory operation
• To select Pulse or Tone mode.
• Off-hook (or Turn on HF function), push Mn (or EMn) key. The numbers that are stored in direct memory
location “Mn (or EMn)” will be dialed out in Pulse or Tone mode as selection. The “n” expressed digital
number from 1~10 decided by dialers’ memory sets.
Indirect (two-touch) memory operation
• To select Pulse or Tone mode.
• Off-hook (or Turn on HF function), push A, n key. The numbers that are stored in indirect memory location
“n” will be dialed out in Pulse or Tone mode as selection. The “n” expressed digital key from 0 to 9.
Pause (P) key operation
The Pause (P) key is designed to support pause operation in dialing duration. “P” key can be stored in memory
and it will occupy one digital position.
• To select Pulse or Tone mode.
• Off-hook (or turn on HF function), push (d1, d2, .. , dn, RD/P, k1, k2, .. , kn.) These numbers will be dialed
out as following sequence:
d1, d2, .. , dn, Tp, k1, k2, .. , kn.


Similar Part No. - EM91465C

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401A EMC-EM91401A Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401AP EMC-EM91401AP Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401B EMC-EM91401B Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401BP EMC-EM91401BP Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
More results

Similar Description - EM91465C

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91240 EMC-EM91240 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91220 EMC-EM91220 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com