Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM91455CK Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM91455CK
Description  TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91455CK Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM91455CK Datasheet HTML 5Page - ELAN Microelectronics Corp EM91455CK Datasheet HTML 6Page - ELAN Microelectronics Corp EM91455CK Datasheet HTML 7Page - ELAN Microelectronics Corp EM91455CK Datasheet HTML 8Page - ELAN Microelectronics Corp EM91455CK Datasheet HTML 9Page - ELAN Microelectronics Corp EM91455CK Datasheet HTML 10Page - ELAN Microelectronics Corp EM91455CK Datasheet HTML 11Page - ELAN Microelectronics Corp EM91455CK Datasheet HTML 12Page - ELAN Microelectronics Corp EM91455CK Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
EM91455 SERIES
TONE/PULSE DIALER WITH LCD INTERFACE
AND I.P.P. DETECT FUNCTION
9
* This specification are subject to be changed without notice.
9.24.1998
<Note> : The display of LCD panel “ST”,”Hold”,”HF”,”EM1~EM3”,”RD” is corresponding to EM32117
with flag types.
∗ Keypad,SDO format and LCD display reference table:
Keypad
bit5
bit4
bit3
bit2
bit1
bit0
Display
10
0
0
0
0
1
1
20
0
0
0
1
0
2
30
0
0
0
1
1
3
40
0
0
1
0
0
4
50
0
0
1
0
1
5
60
0
0
1
1
0
6
70
0
0
1
1
1
7
80
0
1
0
0
0
8
90
0
1
0
0
1
9
00
0
1
0
1
0
0
“*”/T
0
0
1
0
1
1
#0
0
1
1
0
0
P0
0
1
1
0
1
P
*/”T”
0
0
1
1
1
0
ST
1
0
0
0
0
0
STORE
HOLD
1
0
1
0
0
0
HOLD
HF
1
0
1
0
1
0
Speaker
F
1
0
1
1
1
1
clear all display
(Lock state)
1
0
0
0
0
1
Lock
EM1~EM3
1
1
1
1
0
0
MEMORY
RD
1
1
1
1
0
1
RD
LOCK function
The EM91455 serial provides the LOCK function to inhibit toll dialing operation. Connecting a resistor on COL1
pin to VSS can select different LOCK control method that is conventional key lock or password lock. Also the
lock number that can be selected by connecting the resistors on COL2 or COL3 pin. After power on reset, the
password is fixed to 000 automatically. The lock function is disabled when the password is equal to 000 .
How to setup password
• Set LOCK function to password control mode. (Connects a resistor on COL1 pin to VSS)
• Off hook (or turn on HF function)
• Push : # , # , ops1 , ops2 , ops3 , nps1 , nps2 , nps3 , # . If the ops1~ops3 are the same with current password,
then nps1~nps3 will be stored in the dialer to replace current password. Otherwise, the current password can
not be updated. All the numbers pressed in the password setup procedure can not be dialed out when current
password is not equal to 000. If the current password are equal to 000, then only the first number “#” will be
dialed out.
Normal dialing :
Set lock function to none lock mode (without resistor connected to COL1 pin) or set password equal to 000.
In this case, the dialer is operated in normal mode and all functions work at unlimitation.


Similar Part No. - EM91455CK

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450A EMC-EM91450A Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450AP EMC-EM91450AP Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450B EMC-EM91450B Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450BP EMC-EM91450BP Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
More results

Similar Description - EM91455CK

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91240 EMC-EM91240 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91220 EMC-EM91220 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com