Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5MU-2405ELF Datasheet(PDF) 4 Page - PEAK electronics GmbH

Part # P5MU-2405ELF
Description  PM1-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P5MU-2405ELF Datasheet(HTML) 4 Page - PEAK electronics GmbH

  P5MU-2405ELF Datasheet HTML 1Page - PEAK electronics GmbH P5MU-2405ELF Datasheet HTML 2Page - PEAK electronics GmbH P5MU-2405ELF Datasheet HTML 3Page - PEAK electronics GmbH P5MU-2405ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PM1-Series – P5MU-xxxxE/Z(Hxx)LF – Single and Dual Output –DIP14 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 4/4
Package / Pinning / Derating
#
SINGLE ≥3KV DUAL ≥3KV
1
- Vin
- Vin
7
N.C.
N.C.
8
+Vout
+Vout
9
Omitted
Common
10 - Vout
- Vout
11 Omitted
Omitted
14 +Vin
+Vin
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Tested by minimal Vin and constant resistive load.
- Operation under no-load conditions will not damage these devices, but they will not observe the listed specifications.


Similar Part No. - P5MU-2405ELF

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
P5M FUMAN-P5M Datasheet
182Kb / 3P
   Apple iPhone5S data line IC
P5MD FUMAN-P5MD Datasheet
156Kb / 3P
   Apple iPhone5S data line IC
P5MX FUMAN-P5MX Datasheet
417Kb / 3P
   Apple iPhone5S data line IC
More results

Similar Description - P5MU-2405ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P5DU PEAK-P5DU_14 Datasheet
132Kb / 4P
   PM1-SERIES
P6MU PEAK-P6MU_14 Datasheet
148Kb / 4P
   PM1-SERIES
P6DUI PEAK-P6DUI_14 Datasheet
130Kb / 3P
   PM1-SERIES
P6DU PEAK-P6DU_14 Datasheet
140Kb / 4P
   PM1-SERIES
P6LU PEAK-P6LU_14 Datasheet
154Kb / 4P
   PM1-SERIES
P6CU PEAK-P6CU_14 Datasheet
151Kb / 4P
   PM1-SERIES
P6CUI PEAK-P6CUI_14 Datasheet
141Kb / 3P
   PM1-SERIES
P3MU PEAK-P3MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P5CU PEAK-P5CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
P3CU PEAK-P3CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com