Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM92600A Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM92600A
Description  DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM92600A Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM92600A Datasheet HTML 1Page - ELAN Microelectronics Corp EM92600A Datasheet HTML 2Page - ELAN Microelectronics Corp EM92600A Datasheet HTML 3Page - ELAN Microelectronics Corp EM92600A Datasheet HTML 4Page - ELAN Microelectronics Corp EM92600A Datasheet HTML 5Page - ELAN Microelectronics Corp EM92600A Datasheet HTML 6Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
* This specification are subject to be changed without notice.
EM92600/1A
DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
4.23.1995
EM92600/1A
DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
GENERAL DESCRIPTION
The EM92600/1A series are developed for 46/49 MHz of 10 channels band frequency of cordless telephone
which is used in U.S.A.. These devices are dual phase-locked loop frequency synthesizers contained ROM
counters for receive and transmit loops with two independent phase detect circuits. A common reference
oscillator and reference divider are share by the receive and transmit circuits.
Other features include a lock detect circuit for the transmit loop, illegal code default, a buffered oscillator output
for mixing purposes in the system, 5KHz tone output . The EM92601A is designed for easy MPU interface. It
provides the same features as the EM92600A , but accepts channel programming via a clocked, serial input
instead of parallel BCD inputs. The EM92600A is selected channels via machanical switches of parallel BCD
input.
FEATURES
• Include oscillation circuit with external X-TAL (10.240 MHz).
• Unlock detector.
• 5KHz output for guard tone.
• Standby mode for power saving.
• 2.5 to 5.5V supply range.
• Baseset/Handset changeable.
• Available in 16 pin DIP or SOP.
• SERIES
Part Number
Package
Channel Selection
EM92600AP
DIP
parallel
EM92600AM
SOP
parallel
EM92601AP
DIP
serial
EM92601AM
SOP
serial
PIN ASSIGNMENTS
XTALO
MODE
SB
5K
D0
D1
D2
D3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
XTALI
VDD
RIF
PDR
VSS
PDT
LD
TIF
EM92600A
XTALO
MODE
SB
5K
DI
CLK
NC
EN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
XTALI
VDD
RIF
PDR
VSS
PDT
LD
TIF
EM92601A


Similar Part No. - EM92600A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM9201 EMMICRO-EM9201 Datasheet
60Kb / 1P
   World?셲 First Fully Integrated Single-Cell Battery 2.4 GHz Transceiver
EM9202 EMMICRO-EM9202 Datasheet
60Kb / 1P
   World?셲 First Fully Integrated Single-Cell Battery 2.4 GHz Transceiver
logo
TANDA UK Limited.
EM921 TANDAUK-EM921 Datasheet
1Mb / 2P
   Conventional Manual Call Point
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
EM92547B EMC-EM92547B Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
More results

Similar Description - EM92600A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145166 MOTOROLA-MC145166 Datasheet
139Kb / 11P
   Dual PLLs for 46/49 Mhz Cordless Telephones
MC145168 MOTOROLA-MC145168 Datasheet
45Kb / 2P
   Dual PLLs For 46/49 Mhz Cordless Telephones
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
   Dual PLLs For 46/49 MHz Cordless Telephones CMOS
MC33410 MOTOROLA-MC33410 Datasheet
303Kb / 20P
   DUAL CVSD/PLL CORDLESS PHONE SYSTEM
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
   RF Single Chip for Cordless Phone
logo
TOKO, Inc
TDF2A-836E-10A TOKO-TDF2A-836E-10A Datasheet
194Kb / 4P
   TDF series for Mobile & Cordless Phone
logo
Motorola, Inc
MC33411A MOTOROLA-MC33411A Datasheet
449Kb / 43P
   900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
logo
Toshiba Semiconductor
TB31213FN TOSHIBA-TB31213FN Datasheet
628Kb / 18P
   PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
TB31213FNG TOSHIBA-TB31213FNG Datasheet
623Kb / 18P
   PLL EREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
TB31214FN TOSHIBA-TB31214FN Datasheet
631Kb / 18P
   PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com