Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3708STRR Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3708STRR
Description  High Frequency Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3708STRR Datasheet(HTML) 1 Page - International Rectifier

  IRF3708STRR Datasheet HTML 1Page - International Rectifier IRF3708STRR Datasheet HTML 2Page - International Rectifier IRF3708STRR Datasheet HTML 3Page - International Rectifier IRF3708STRR Datasheet HTML 4Page - International Rectifier IRF3708STRR Datasheet HTML 5Page - International Rectifier IRF3708STRR Datasheet HTML 6Page - International Rectifier IRF3708STRR Datasheet HTML 7Page - International Rectifier IRF3708STRR Datasheet HTML 8Page - International Rectifier IRF3708STRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
8/22/00
IRF3708
IRF3708S
SMPS MOSFET
HEXFET® Power MOSFET
l High Frequency DC-DC Isolated Converters
with Synchronous Rectification for Telecom
and Industrial Use
Benefits
Applications
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
30V
12m
62A
Notes
 through „ are on page 10
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
±12
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
62
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
52
A
IDM
Pulsed Drain Current

248
PD @TC = 25°C
Maximum Power Dissipation
ƒ
87
W
PD @TC = 70°C
Maximum Power Dissipation
ƒ
61
W
Linear Derating Factor
0.58
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
* When mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to application note #AN-994
D2Pak
IRF3708S
TO-220AB
IRF3708
TO-262
IRF3708L
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.73
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)*
–––
40
IRF3708L
l High Frequency Buck Converters for
Computer Processor Power
PD - 93938B


Similar Part No. - IRF3708STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3708S IRF-IRF3708S Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
logo
Kersemi Electronic Co.,...
IRF3708S KERSEMI-IRF3708S Datasheet
1Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRF3708SPBF IRF-IRF3708SPBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF3708SPBF IRF-IRF3708SPBF Datasheet
283Kb / 11P
   High Frequency DC-DC Isolated Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com