Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6FG-2409E21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P6FG-2409E21LF
Description  PMB-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6FG-2409E21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6FG-2409E21LF Datasheet HTML 1Page - PEAK electronics GmbH P6FG-2409E21LF Datasheet HTML 2Page - PEAK electronics GmbH P6FG-2409E21LF Datasheet HTML 3Page - PEAK electronics GmbH P6FG-2409E21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PMB-Series – P6FG-xxxxE/Z2:1(H30)LF – Single / Dual Output – DIP16 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/4
Selection Guide
Single Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P6FG-053R3E2:1LF
4.5-9
15
298
3.3
76
303
67
3300
P6FG-0505E2:1LF
4.5-9
15
298
5
50
200
67
3300
P6FG-0509E2:1LF
4.5-9
40
285
9
28
111
70
470
P6FG-0512E2:1LF
4.5-9
55
285
12
21
83
70
470
P6FG-0515E2:1LF
4.5-9
55
285
15
17
67
70
470
P6FG-0524E2:1LF
4.5-9
70
294
24
10
42
68
220
P6FG-123R3E2:1LF
9-18
15
119
3.3
76
303
70
3300
P6FG-1205E2:1LF
9-18
15
115
5
50
200
72
3300
P6FG-1209E2:1LF
9-18
15
108
9
28
111
77
470
P6FG-1212E2:1LF
9-18
15
108
12
21
83
77
470
P6FG-1215E2:1LF
9-18
15
108
15
17
67
77
470
P6FG-1224E2:1LF
9-18
15
114
24
10
42
73
220
P6FG-243R3E2:1LF
18-36
8
59
3.3
76
303
70
3300
P6FG-2405E2:1LF
18-36
8
57
5
50
200
72
3300
P6FG-2409E2:1LF
18-36
8
55
9
28
111
75
470
P6FG-2412E2:1LF
18-36
8
55
12
21
83
75
470
P6FG-2415E2:1LF
18-36
8
55
15
17
67
75
470
P6FG-2424E2:1LF
18-36
8
55
24
10
42
75
220
P6FG-483R3E2:1LF
36-72
6
31
3.3
76
303
66
3300
P6FG-4805E2:1LF
36-72
6
30
5
50
200
68
3300
P6FG-4809E2:1LF
36-72
6
29
9
28
111
70
470
P6FG-4812E2:1LF
36-72
6
29
12
21
83
70
470
P6FG-4815E2:1LF
36-72
6
29
15
17
67
70
470
P6FG-4824E2:1LF
36-72
6
30
24
10
42
68
220
If you need other specifications, please enquire.
*OPTIONS:
3 kV I/O Isolation
For optional 3kV DC I/O Isolation, please
add “H30” before LF!
(P6FG-2424E2:1H30LF for 3kV)


Similar Part No. - P6FG-2409E21LF

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P6F2405D HY-LINE-P6F2405D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2405S HY-LINE-P6F2405S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2409S HY-LINE-P6F2409S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2412D HY-LINE-P6F2412D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2412S HY-LINE-P6F2412S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
More results

Similar Description - P6FG-2409E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PC10NG PEAK-PC10NG_14 Datasheet
140Kb / 4P
   PMB-SERIES
P10FG PEAK-P10FG_14 Datasheet
143Kb / 4P
   PMB-SERIES
PC6NG PEAK-PC6NG_14 Datasheet
140Kb / 4P
   PMB-SERIES
logo
Siemens Semiconductor G...
PMB2314-T SIEMENS-PMB2314-T Datasheet
160Kb / 14P
   Prescaler Circuit 2.1 GHz PMB 2314T
logo
PHOENIX CONTACT
2200174 PHOENIX-2200174 Datasheet
59Kb / 3P
   Additional labeling of PCB with Phoenix Contact PMB module marker carrier (drill hole diameter 4 mm)
2200173 PHOENIX-2200173 Datasheet
57Kb / 2P
   Additional labeling of PCB with Phoenix Contact PMB module marker carrier (drill hole diameter 4 mm)
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com