Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6MU-0515ELF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P6MU-0515ELF
Description  PM1-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6MU-0515ELF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6MU-0515ELF Datasheet HTML 1Page - PEAK electronics GmbH P6MU-0515ELF Datasheet HTML 2Page - PEAK electronics GmbH P6MU-0515ELF Datasheet HTML 3Page - PEAK electronics GmbH P6MU-0515ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PM1-Series – P6MU-xxxxE/Z(Hxx)LF – Single and Dual Output – DIP14 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/4
Selection Guide
Single Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P6MU-053R3ELF
5
30
267
3.3
303
75
220
P6MU-0505ELF
5
30
256
5
200
78
220
P6MU-057R2ELF
5
30
267
7.2
138.9
75
220
P6MU-0509ELF
5
30
267
9
111.1
75
220
P6MU-0512ELF
5
30
263
12
83.3
76
220
P6MU-0515ELF
5
30
263
15
66.7
76
220
P6MU-0518ELF
5
30
267
18
55.6
75
220
P6MU-0524ELF
5
30
278
24
41.7
72
220
P6MU-123R3ELF
12
20
113
3.3
303
74
220
P6MU-1205ELF
12
20
113
5
200
74
220
P6MU-127R2ELF
12
20
113
7.2
138.9
74
220
P6MU-1209ELF
12
20
111
9
111.1
75
220
P6MU-1212ELF
12
20
108
12
83.3
77
220
P6MU-1215ELF
12
20
106
15
66.7
78
220
P6MU-1218ELF
12
20
106
18
55.6
78
220
P6MU-1224ELF
12
20
111
24
41.7
75
220
P6MU-243R3ELF
24
10
56
3.3
303
75
220
P6MU-2405ELF
24
10
54
5
200
77
220
P6MU-247R2ELF
24
10
56
7.2
138.9
75
220
P6MU-2409ELF
24
10
56
9
111.1
75
220
P6MU-2412ELF
24
10
53
12
83.3
78
220
P6MU-2415ELF
24
10
53
15
66.7
78
220
P6MU-2418ELF
24
10
53
18
55.6
78
220
P6MU-2424ELF
24
10
53
24
41.7
78
220
If you need other specifications, please enquire.
*OPTIONS:
H40 = 4000 VDC ISOLATION
H52 = 5200 VDC ISOLATION
H60 = 6000 VDC ISOLATION
For other I/O Isolation please see
table on the left hand side and add
“Hxx” before LF
(P6MU-2412EH60LF for 6KV)


Similar Part No. - P6MU-0515ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6MU-0512E PEAK-P6MU-0512E Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6MU-0512EH40 PEAK-P6MU-0512EH40 Datasheet
256Kb / 2P
   4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6MU-0512EH52 PEAK-P6MU-0512EH52 Datasheet
255Kb / 2P
   5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
More results

Similar Description - P6MU-0515ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P5DU PEAK-P5DU_14 Datasheet
132Kb / 4P
   PM1-SERIES
P5MU PEAK-P5MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P6DUI PEAK-P6DUI_14 Datasheet
130Kb / 3P
   PM1-SERIES
P6DU PEAK-P6DU_14 Datasheet
140Kb / 4P
   PM1-SERIES
P6LU PEAK-P6LU_14 Datasheet
154Kb / 4P
   PM1-SERIES
P6CU PEAK-P6CU_14 Datasheet
151Kb / 4P
   PM1-SERIES
P6CUI PEAK-P6CUI_14 Datasheet
141Kb / 3P
   PM1-SERIES
P3MU PEAK-P3MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P5CU PEAK-P5CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
P3CU PEAK-P3CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com