Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8GG-247R2ELF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P8GG-247R2ELF
Description  PMF-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P8GG-247R2ELF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P8GG-247R2ELF Datasheet HTML 1Page - PEAK electronics GmbH P8GG-247R2ELF Datasheet HTML 2Page - PEAK electronics GmbH P8GG-247R2ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMF-Series – P8GG-xxxxE(Hxx)LF – Single Output – SIP12 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single Output
Order #
Inp
ut V
olta
ge
(VD
C)
Inp
ut C
urre
nt N
o L
oad
(mA
)
Inp
ut C
urre
nt F
ull L
oad
(mA
)
Out
put
Vol
tag
e (V
DC
)
Out
put
Cur
ren
t Fu
ll Lo
ad
(mA
)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P8GG-053R3ELF
5
70
432
3.3
400
61
220
P8GG-0505ELF
5
70
454
5
300
66
220
P8GG-057R2ELF
5
70
454
7.2
208.3
66
220
P8GG-0509ELF
5
90
454
9
166.6
66
220
P8GG-0512ELF
5
90
447
12
125
67
220
P8GG-0515ELF
5
90
447
15
100
67
220
P8GG-0518ELF
5
90
447
18
83.3
67
220
P8GG-0524ELF
5
130
441
24
62.5
68
220
P8GG-123R3ELF
12
50
180
3.3
400
61
220
P8GG-1205ELF
12
50
189
5
300
66
220
P8GG-127R2ELF
12
50
186
7.2
208.3
67
220
P8GG-1209ELF
12
50
186
9
166.6
67
220
P8GG-1212ELF
12
50
186
12
125
67
220
P8GG-1215ELF
12
50
183
15
100
68
220
P8GG-1218ELF
12
50
183
18
83.3
68
220
P8GG-1224ELF
12
50
183
24
62.5
68
220
P8GG-243R3ELF
24
25
88
3.3
400
62
220
P8GG-2405ELF
24
25
96
5
300
65
220
P8GG-247R2ELF
24
25
96
7.2
208.3
65
220
P8GG-2409ELF
24
25
96
9
166.6
65
220
P8GG-2412ELF
24
25
93
12
125
67
220
P8GG-2415ELF
24
25
93
15
100
67
220
P8GG-2418ELF
24
25
93
18
83.3
67
220
P8GG-2424ELF
24
25
91
24
62.5
68
220
If you need other specifications, please enquire.
*OPTIONS:
H30 = 3000 VDC ISOLATION
H52 = 5200 VDC ISOLATION
For other I/O Isolation please see
table on the left hand side and add
“Hxx” before LF
(P8GG-2412EH52LF for 5.2kV)
Notes:


Similar Part No. - P8GG-247R2ELF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P8GR-65-9LG RENESAS-P8GR-65-9LG Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
logo
Schneider Electric
P8GT SCHNEIDER-P8GT Datasheet
82Kb / 2P
   APC Power-Saving Home/Office SurgeArrest, 8 Outlets with Phone Protection, 120V
More results

Similar Description - P8GG-247R2ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10GG PEAK-P10GG_14 Datasheet
136Kb / 3P
   PMF-SERIES
P14GG PEAK-P14GG_14 Datasheet
137Kb / 3P
   PMF-SERIES
logo
Delta Electronics, Inc.
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-5V320WCXX DELTA-PMF-5V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
logo
RFE international
PMT103J2G RFE-PMT103J2G Datasheet
83Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
PMT RFE-PMT Datasheet
136Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
REV 2010.10.13
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
JDS Uniphase Corporatio...
21010278 JDSU-21010278 Datasheet
169Kb / 4P
   10Gb/s, data modulator with attenuator, PMF in & SMF out, FC/SPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com