Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8BU-2412ELF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P8BU-2412ELF
Description  PMA-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P8BU-2412ELF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P8BU-2412ELF Datasheet HTML 1Page - PEAK electronics GmbH P8BU-2412ELF Datasheet HTML 2Page - PEAK electronics GmbH P8BU-2412ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMA-Series – P8BU-xxxxELF – Single Output – DIP8 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P8BU-xxxxELF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
± 10%
Input Filter
Capacitor
Input Reflected Ripple Current¹
20 mA pk-pk
Output Specifications
Voltage Accuracy
± 3%
Short Circuit Protection
Short Term
Line Regulation
± 1.2% / 1% Vin Change
Load Regulation (20% - 100%)
± 10% (3.3Vout Models: ± 20%)
Ripple and Noise (20Mhz bandwidth)
100 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1000 VDC
I/O Isolation Capacity
60 pF, typ.
I/O Isolation Resistance
1000 MOhm
Switching Frequency
80 kHz (Variable)
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 1.8g, typ.
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMA series P8BU-xxxxELF is a family of cost effective 1.5 W single
output DC/DC converters. These converters are in an ultra miniature DIP8
case. Devices are encapsulated. High performance features: 1000VDC
input/output isolation, high efficiency operation, output voltage accuracy of
±3% maximum, input range of ±10% tolerance and low output ripple and
noise.
PMA-SERIES
1.5 Watt
Unregulated
Single Output
DIP8 Case
1 kV DC I/O Isolation
Low Ripple and Noise
Rev.11-2008


Similar Part No. - P8BU-2412ELF

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P8B KNOWLES-P8B Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Shindengen Electric Mfg...
P8B10SB SHINDENGEN-P8B10SB Datasheet
1Mb / 7P
   Power MOSFETs 100V, 8A, N-channel
logo
Inchange Semiconductor ...
P8B10SB ISC-P8B10SB Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
HY-LINE Power Component...
P8B2405D HY-LINE-P8B2405D Datasheet
246Kb / 3P
   8W DC-DC Converter P8B-Series
Rev: 2.10 f
P8B2405S HY-LINE-P8B2405S Datasheet
246Kb / 3P
   8W DC-DC Converter P8B-Series
Rev: 2.10 f
More results

Similar Description - P8BU-2412ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6KU PEAK-P6KU_14 Datasheet
138Kb / 3P
   PMA-SERIES
P3IU PEAK-P3IU_14 Datasheet
147Kb / 3P
   PMA-SERIES
P6BUDUAL PEAK-P6BUDUAL_14 Datasheet
129Kb / 3P
   PMA-SERIES
P2AU PEAK-P2AU_14 Datasheet
137Kb / 3P
   PMA-SERIES
P6AU PEAK-P6AU_14 Datasheet
147Kb / 3P
   PMA-SERIES
P8AU PEAK-P8AU_14 Datasheet
137Kb / 3P
   PMA-SERIES
P2KU PEAK-P2KU_14 Datasheet
129Kb / 3P
   PMA-SERIES
P6BU PEAK-P6BU_14 Datasheet
138Kb / 3P
   PMA-SERIES
P6BUI PEAK-P6BUI_14 Datasheet
130Kb / 3P
   PMA-SERIES
P2BU PEAK-P2BU_14 Datasheet
129Kb / 3P
   PMA-SERIES
P3AU PEAK-P3AU_14 Datasheet
147Kb / 3P
   PMA-SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com