Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8TG-1205Z21LF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P8TG-1205Z21LF
Description  PM6-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P8TG-1205Z21LF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P8TG-1205Z21LF Datasheet HTML 1Page - PEAK electronics GmbH P8TG-1205Z21LF Datasheet HTML 2Page - PEAK electronics GmbH P8TG-1205Z21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PM6-Series – P8TG-xxxxE/Z2:1(H35)LF – Single and Dual Output – DIP24 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P8TG-xxxxE/Z2:1(H35)LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
2:1 Wide Input
Input Filter
Pi Type
Input Reflected Ripple Current¹
35 mA pk-pk
Output Specifications
Voltage Accuracy
± 1%
Short Circuit Protection
Indefinite (automatic recovery)
Line Regulation
± 0.5%
Load Regulation
± 0.5% / ± 1.5% (only 3.3 / ±3.3 Vout Models)
Ripple and Noise (20Mhz bandwidth)
60 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1500 VDC (3500 VDC optional)*
I/O Isolation Capacity
470 pF, typ.
I/O Isolation Resistance
1000 MOhm
Switching Frequency (typical)
266 kHz, typ.
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 13.5g, typ.
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PM6 series P8TG-xxxxE/Z2:1(H30)LF is a family of cost effective 1.5W
single & dual output DC-DC converters with a wide input Voltage of 2:1.
These converters are encapsulated in an ultra miniature DIP24 plastic or
metal case. High performance features: 1500VDC up to 3500VDC
input/output isolation, high efficiency operation, output voltage accuracy of
±1% maximum, wide input range 2:1 and low output ripple and noise.
PM6-SERIES
1.5 Watt
2:1 Wide Input
Regulated
DIP24 Plastic Case
1.5 or 3.5 KV DC I/O Isolation
SINGLE and DUAL Output
Continuous Short Circuit Prot.
Rev.09-2009


Similar Part No. - P8TG-1205Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8TG-1205Z21 PEAK-P8TG-1205Z21 Datasheet
213Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-1205Z21H35 PEAK-P8TG-1205Z21H35 Datasheet
213Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-1205Z21M PEAK-P8TG-1205Z21M Datasheet
226Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - P8TG-1205Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10TG PEAK-P10TG_14 Datasheet
131Kb / 3P
   PM6-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com