Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8SG-0524ZMLF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P8SG-0524ZMLF
Description  PM5-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P8SG-0524ZMLF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P8SG-0524ZMLF Datasheet HTML 1Page - PEAK electronics GmbH P8SG-0524ZMLF Datasheet HTML 2Page - PEAK electronics GmbH P8SG-0524ZMLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PM5-Series – P8SG-xxxxE/Z(H30)MLF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P8SG-053R3EMLF
5
50
517
3.3
400
51
220
P8SG-0505EMLF
5
50
454
5
300
66
220
P8SG-0509EMLF
5
50
468
9
167
64
220
P8SG-0512EMLF
5
50
441
12
125
68
220
P8SG-0515EMLF
5
50
441
15
100
68
220
P8SG-0524EMLF
5
50
461
24
62
65
220
P8SG-123R3EMLF
12
40
203
3.3
400
54
220
P8SG-1205EMLF
12
40
189
5
300
66
220
P8SG-1209EMLF
12
40
186
9
167
67
220
P8SG-1212EMLF
12
40
178
12
125
70
220
P8SG-1215EMLF
12
40
195
15
100
64
220
P8SG-1224EMLF
12
40
201
24
62
62
220
P8SG-243R3EMLF
24
35
103
3.3
400
53
220
P8SG-2405EMLF
24
35
100
5
300
62
220
P8SG-2409EMLF
24
35
97
9
167
64
220
P8SG-2412EMLF
24
35
93
12
125
67
220
P8SG-2415EMLF
24
35
94
15
100
66
220
P8SG-2424EMLF
24
35
94
24
62
66
220
DUAL OUTPUT
P8SG-053R3ZMLF
5
50
440
± 3.3
± 200
60
± 1000
P8SG-0505ZMLF
5
50
461
± 5
± 150
65
± 1000
P8SG-0509ZMLF
5
50
447
± 9
± 83
67
± 470
P8SG-0512ZMLF
5
50
428
± 12
± 63
70
± 470
P8SG-0515ZMLF
5
50
447
± 15
± 50
67
± 470
P8SG-0524ZMLF
5
50
454
± 24
± 31
66
± 220
P8SG-123R3ZMLF
12
35
171
± 3.3
± 200
64
± 1000
P8SG-1205ZMLF
12
35
183
± 5
± 150
68
± 1000
P8SG-1209ZMLF
12
35
178
± 9
± 83
70
± 470
P8SG-1212ZMLF
12
35
166
± 12
± 63
75
± 470
P8SG-1215ZMLF
12
35
173
± 15
± 50
72
± 470
P8SG-1224ZMLF
12
35
176
± 24
± 31
71
± 220
P8SG-243R3ZMLF
24
15
83
± 3.3
± 200
66
± 1000
P8SG-2405ZMLF
24
15
89
± 5
± 150
70
± 1000
P8SG-2409ZMLF
24
15
85
± 9
± 83
73
± 470
P8SG-2412ZMLF
24
15
80
± 12
± 63
78
± 470
P8SG-2415ZMLF
24
15
83
± 15
± 50
75
± 470
P8SG-2424ZMLF
24
15
84
± 24
± 31
74
± 220
If you need other specifications, please enquire.
* For optional 3kV DC I/O Isolation, please add “H30” before MLF!
Example: P8SG-1205ZH30MLF for 3kV


Similar Part No. - P8SG-0524ZMLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8SG-0524ZLF PEAK-P8SG-0524ZLF Datasheet
138Kb / 3P
   Single and Dual Output
More results

Similar Description - P8SG-0524ZMLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P14SG PEAK-P14SG_14 Datasheet
142Kb / 3P
   PM5-SERIES
P10SG PEAK-P10SG_14 Datasheet
142Kb / 3P
   PM5-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com