Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P10DUI-120909ZLF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P10DUI-120909ZLF
Description  PM3-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10DUI-120909ZLF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P10DUI-120909ZLF Datasheet HTML 1Page - PEAK electronics GmbH P10DUI-120909ZLF Datasheet HTML 2Page - PEAK electronics GmbH P10DUI-120909ZLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PM3-Series – P10DUI-xxxxZ(H30)LF – Dual Separate Output – DIP14 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Dual Separate Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
DUAL SEP. OUTPUT
P10DUI-05053R3ZLF
5
35
519
5, 3.3
200, 200
77
220
P10DUI-05057R2ZLF
5
35
519
5, 7.2
200, 139
77
220
P10DUI-050509ZLF
5
35
519
5, 9
200, 111
77
220
P10DUI-050512ZLF
5
35
500
5, 12
200, 83
80
220
P10DUI-050515ZLF
5
35
500
5, 15
200, 67
80
220
P10DUI-12053R3ZLF
12
25
216
5, 3.3
200, 200
77
220
P10DUI-12057R2ZLF
12
25
216
5, 7.2
200, 139
77
220
P10DUI-120509ZLF
12
25
216
5, 9
200, 111
77
220
P10DUI-120512ZLF
12
25
208
5, 12
200, 83
80
220
P10DUI-120515ZLF
12
25
208
5, 15
200, 67
80
220
P10DUI-24053R3ZLF
24
12
108
5, 3.3
200, 200
77
220
P10DUI-24057R2ZLF
24
12
108
5, 7.2
200, 139
77
220
P10DUI-240509ZLF
24
12
108
5, 9
200, 111
77
220
P10DUI-240512ZLF
24
12
104
5, 12
200, 83
80
220
P10DUI-240515ZLF
24
12
104
5, 15
200, 67
80
220
P10DUI-050505ZLF
5
35
500
5, 5
200, 200
80
220
P10DUI-057R27R2ZLF
5
35
500
7.2, 7.2 139, 139
80
220
P10DUI-050909ZLF
5
35
500
9, 9
111, 111
80
220
P10DUI-051212ZLF
5
35
487
12, 12
83, 83
82
220
P10DUI-051515ZLF
5
35
487
15, 15
67, 67
82
220
P10DUI-120505ZLF
12
25
208
5, 5
200, 200
80
220
P10DUI-127R27R2ZLF
12
25
208
7.2, 7.2 139, 139
80
220
P10DUI-120909ZLF
12
25
208
9, 9
111, 111
80
220
P10DUI-121212ZLF
12
25
203
12, 12
83, 83
82
220
P10DUI-121515ZLF
12
25
198
15, 15
67, 67
84
220
P10DUI-240505ZLF
24
12
104
5, 5
200, 200
80
220
P10DUI-247R27R2ZLF
24
12
104
7.2, 7.2 139, 139
80
220
P10DUI-240909ZLF
24
12
104
9, 9
111, 111
80
220
P10DUI-241212ZLF
24
12
101
12, 12
83, 83
82
220
P10DUI-241515ZLF
24
12
98
15, 15
67, 67
85
220
If you need other specifications, please enquire.
* For optional 3kV DC I/O Isolation, please add “H30” before LF!
Example: P10DUI-050505ZH30LF for 3kV


Similar Part No. - P10DUI-120909ZLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10DU-0505E PEAK-P10DU-0505E Datasheet
253Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
P10DU-0505ELF PEAK-P10DU-0505ELF Datasheet
140Kb / 4P
   PM3-SERIES
P10DU-0505Z PEAK-P10DU-0505Z Datasheet
264Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
P10DU-0509ELF PEAK-P10DU-0509ELF Datasheet
140Kb / 4P
   PM3-SERIES
P10DU-0512E PEAK-P10DU-0512E Datasheet
253Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
More results

Similar Description - P10DUI-120909ZLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10MU PEAK-P10MU_14 Datasheet
154Kb / 4P
   PM3-SERIES
P10CUI PEAK-P10CUI_14 Datasheet
140Kb / 3P
   PM3-SERIES
P10DU PEAK-P10DU_14 Datasheet
140Kb / 4P
   PM3-SERIES
P10CU PEAK-P10CU_14 Datasheet
150Kb / 4P
   PM3-SERIES
P10LU PEAK-P10LU_14 Datasheet
154Kb / 4P
   PM3-SERIES
logo
Microchip Technology
AC164301 MICROCHIP-AC164301 Datasheet
3Mb / 2P
   MPLAB PM3 Universal Device Programmer
9/1/03
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com