Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZ5V1B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # UDZ5V1B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ5V1B Datasheet(HTML) 4 Page - Diodes Incorporated

  UDZ5V1B Datasheet HTML 1Page - Diodes Incorporated UDZ5V1B Datasheet HTML 2Page - Diodes Incorporated UDZ5V1B Datasheet HTML 3Page - Diodes Incorporated UDZ5V1B Datasheet HTML 4Page - Diodes Incorporated UDZ5V1B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UDZ3V6B-UDZ15B
Document number: DS30290 Rev. 15 - 2
4 of 5
www.diodes.com
December 2013
© Diodes Incorporated
UDZ3V6B-UDZ15B
-0.08
0.12
-0.04
-0.06
06
10
V , ZENER VOLTAGE (V)
Z
Fig. 7 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ6V2B-UDZ10B
4
2
8
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Z
Fig. 8 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ10B-UDZ15B
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOD323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15

All Dimensions in mm
Dimensions Value (in mm)
G
1.520
X
0.590
X1
2.700
Y
0.450
K
L
M
J
C
H
B
A
Y
X
X1
G


Similar Part No. - UDZ5V1B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UDZ5V1B DIODES-UDZ5V1B Datasheet
89Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30290 Rev. 5 - 1
UDZ5V1B DIODES-UDZ5V1B Datasheet
135Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
Rev. 14 - 2 September 2008
logo
Diode Semiconductor Kor...
UDZ5V1B DSK-UDZ5V1B Datasheet
312Kb / 5P
   Surface mount zener diode
logo
Diodes Incorporated
UDZ5V1B DIODES-UDZ5V1B Datasheet
351Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - UDZ5V1B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com