Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P10IU-1524ELF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P10IU-1524ELF
Description  PME-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10IU-1524ELF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P10IU-1524ELF Datasheet HTML 1Page - PEAK electronics GmbH P10IU-1524ELF Datasheet HTML 2Page - PEAK electronics GmbH P10IU-1524ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PME-Series – P10IU-xxxxELF – Single Output – SIP4 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P10IU-xxxxELF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
± 10%
Input Filter
Capacitors
Input Reflected Ripple Current¹
20 mA pk-pk
Output Specifications
Voltage Accuracy
± 3%
Short Circuit Protection
Short Term
Line Regulation
± 1.2% / 1% Vin Change
Load Regulation (20% - 100%)
± 10% (3.3Vout Models: ± 20%)
Ripple and Noise (20Mhz bandwidth)
150 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
3000 VDC
I/O Isolation Capacity
60 pF, typ.
I/O Isolation Resistance
1000 MOhm
Switching Frequency
70 kHz (Variable)
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 1.8g, typ.
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PME series P10IU-xxxxELF is a family of cost effective 2 W single
output DC/DC converters. These converters are in an ultra miniature SIP4
case. Devices are encapsulated. High performance features: 3000VDC
input/output isolation, high efficiency operation, output voltage accuracy of
±3% maximum, input range of ±10% tolerance and low output ripple and
noise.
PME-SERIES
2 Watt
Unregulated
Single Output
SIP4 Case
3 kV DC I/O Isolation
Low Ripple and Noise
Rev.01-2009


Similar Part No. - P10IU-1524ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10IU-1205E PEAK-P10IU-1205E Datasheet
241Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
P10IU-1215E PEAK-P10IU-1215E Datasheet
241Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
P10IU-1224E PEAK-P10IU-1224E Datasheet
241Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
More results

Similar Description - P10IU-1524ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10AU PEAK-P10AU_14 Datasheet
146Kb / 3P
   PME-SERIES
logo
Advantech Co., Ltd.
SYS-4U7442-4S01 ADVANTECH-SYS-4U7442-4S01_14 Datasheet
1Mb / 2P
   Dual LGA 2011 Intel짰 Xeon짰 E5-2600 4U Systems with 3 x PCIe x16, 1 x PCIe x8, PME Support
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
   Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
ASMB-920IR ADVANTECH-ASMB-920IR Datasheet
531Kb / 2P
   Dual LGA 2011 Intel짰 Xeon짰 E5 EATX Server Board with DDR3, 2 PCIe x16 (Gen 3.0), PME Expansion Module, SAS RAID
ASMB-913-00A1E ADVANTECH-ASMB-913-00A1E Datasheet
755Kb / 2P
   Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
ASMB-913 ADVANTECH-ASMB-913_V01 Datasheet
707Kb / 2P
   Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
25-Jan-2018
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com