Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZ9V1B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # UDZ9V1B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ9V1B Datasheet(HTML) 1 Page - Diodes Incorporated

  UDZ9V1B Datasheet HTML 1Page - Diodes Incorporated UDZ9V1B Datasheet HTML 2Page - Diodes Incorporated UDZ9V1B Datasheet HTML 3Page - Diodes Incorporated UDZ9V1B Datasheet HTML 4Page - Diodes Incorporated UDZ9V1B Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UDZ3V6B-UDZ15B
Document number: DS30290 Rev. 15 - 2
1 of 5
www.diodes.com
December 2013
© Diodes Incorporated
UDZ3V6B-UDZ15B
SURFACE MOUNT PRECISION ZENER DIODE
Features
Small, Surface Mount Package
Ideally suited for Automated Assembly Processes
Very Sharp Breakdown Characteristics
Very Tight Tolerance on Zener Breakdown Voltage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOD323
Case Material: UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminal Connections: Cathode Band
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.004 grams (approximate)
Ordering Information (Note 4)
Device
Packaging
Shipping
(Type Number)-7*
SOD323
3000/Tape & Reel
(Type Number)-13* (Note 5)
SOD323
10000/Tape & Reel
* For (Type Number), please see the Electrical Characteristics Table. Example: 6.2V Zener = UDZ6V2B-7.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
5. Devices are readily available on 13” reels for select voltages only. For other voltages, devices can be made available on 13” reels upon request. Please
Contact your Diodes Inc. sales representative for additional details.
Marking Information
Top View
xx = Product Type Marking Code
(See Electrical Characteristics Table)
XX
e3


Similar Part No. - UDZ9V1B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UDZ9V1B DIODES-UDZ9V1B Datasheet
89Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30290 Rev. 5 - 1
UDZ9V1B DIODES-UDZ9V1B Datasheet
358Kb / 3P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30290 Rev. 10 - 2
UDZ9V1B DIODES-UDZ9V1B Datasheet
135Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
Rev. 14 - 2 September 2008
logo
Diode Semiconductor Kor...
UDZ9V1B DSK-UDZ9V1B Datasheet
312Kb / 5P
   Surface mount zener diode
logo
Diodes Incorporated
UDZ9V1B DIODES-UDZ9V1B Datasheet
351Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - UDZ9V1B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com