Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULQ2003ATPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ULQ2003ATPWRQ1
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULQ2003ATPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  ULQ2003ATPWRQ1 Datasheet HTML 1Page - Texas Instruments ULQ2003ATPWRQ1 Datasheet HTML 2Page - Texas Instruments ULQ2003ATPWRQ1 Datasheet HTML 3Page - Texas Instruments ULQ2003ATPWRQ1 Datasheet HTML 4Page - Texas Instruments ULQ2003ATPWRQ1 Datasheet HTML 5Page - Texas Instruments ULQ2003ATPWRQ1 Datasheet HTML 6Page - Texas Instruments ULQ2003ATPWRQ1 Datasheet HTML 7Page - Texas Instruments ULQ2003ATPWRQ1 Datasheet HTML 8Page - Texas Instruments ULQ2003ATPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ULQ2003A-Q1
ULQ2004A-Q1
www.ti.com
SGLS148D – DECEMBER 2002 – REVISED APRIL 2010
ABSOLUTE MAXIMUM RATINGS
(1)
at 25°C free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VCC
Collector-emitter voltage
50
V
Clamp diode reverse voltage(2)
50
V
VI
Input voltage(2)
30
V
Peak collector current
See Figure 14
500
mA
IOK
Output clamp current
500
mA
Total emitter-terminal current
–2.5
A
See Dissipation
PD
Continuous total power dissipation
Ratings Table
ULQ200xAT
–40
105
TA
Operating free-air temperature range
°C
ULQ200xAQ
–40
125
D package
73
qJA
Package thermal impedance(3) (4)
°C/W
PW package
108
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
DISSIPATION RATINGS
DERATING
TA = 25°C
FACTOR
TA = 85°C
TA = 105°C
TA = 125°C
PACKAGE
POWER
ABOVE
POWER RATING
POWER RATING
POWER RATING
RATING
TA = 25°C
D
950 mW
7.6 mW/°C
494 mW
342 mW
190 mW
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ULQ2003A-Q1 ULQ2004A-Q1


Similar Part No. - ULQ2003ATPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2003ATPWRQ1 TI1-ULQ2003ATPWRQ1 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
More results

Similar Description - ULQ2003ATPWRQ1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com