Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM7001 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # UM7001
Description  Average power dissipation to 10 W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7001 Datasheet(HTML) 6 Page - Microsemi Corporation

  UM7001 Datasheet HTML 1Page - Microsemi Corporation UM7001 Datasheet HTML 2Page - Microsemi Corporation UM7001 Datasheet HTML 3Page - Microsemi Corporation UM7001 Datasheet HTML 4Page - Microsemi Corporation UM7001 Datasheet HTML 5Page - Microsemi Corporation UM7001 Datasheet HTML 6Page - Microsemi Corporation UM7001 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UM7000 / UM7100 / UM7200
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
6
TM
®
HIGH POWER PIN DIODES
RoHS Compliant Versions Available
PACKAGE STYLE ‘A’
PACKAGE STYLE ‘B’
PACKAGE STYLE ‘C’
PACKAGE STYLE ‘CR’
PACKAGE STYLE ‘D’
PACKAGE STYLE ‘DR’
Copyright
 2006
Rev.: 2009-01-19


Similar Part No. - UM7001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7001 MICROSEMI-UM7001 Datasheet
179Kb / 4P
   PIN DIODE
UM7001 MICROSEMI-UM7001 Datasheet
335Kb / 7P
   HIGH POWER PIN DIODES
UM7001 MICROSEMI-UM7001 Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Microchip Technology
UM7001A MICROCHIP-UM7001A Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
UM7001B MICROCHIP-UM7001B Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM7001

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMAJ5917B LEIDITECH-SMAJ5917B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5913B LEIDITECH-SMAJ5913B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5914B LEIDITECH-SMAJ5914B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
logo
Shenzhen Luguang Electr...
BZT03C6V2 LUGUANG-BZT03C6V2 Datasheet
233Kb / 4P
   POWER DISSIPATION: 3.25 W
logo
Shanghai Leiditech Elec...
SMAJ5915B LEIDITECH-SMAJ5915B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5916B LEIDITECH-SMAJ5916B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
SMAJ5918B LEIDITECH-SMAJ5918B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
logo
Analog Devices
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
   10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
logo
First Components Intern...
1N4728 FCI-1N4728_1 Datasheet
977Kb / 3P
   1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
logo
Ohmite Mfg. Co.
MRA OHMITE-MRA Datasheet
301Kb / 2P
   Power dissipation up to 2W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com