Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL3775SO Datasheet(PDF) 8 Page - Ericsson

Part # PBL3775SO
Description  Dual Stepper Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3775SO Datasheet(HTML) 8 Page - Ericsson

  PBL3775SO Datasheet HTML 1Page - Ericsson PBL3775SO Datasheet HTML 2Page - Ericsson PBL3775SO Datasheet HTML 3Page - Ericsson PBL3775SO Datasheet HTML 4Page - Ericsson PBL3775SO Datasheet HTML 5Page - Ericsson PBL3775SO Datasheet HTML 6Page - Ericsson PBL3775SO Datasheet HTML 7Page - Ericsson PBL3775SO Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PBL 3775/1
8
Half-step mode. In the half-step mode,
the current in one winding is brought to
zero before a complete current reversal
is made. The motor will then have taken
two half steps equalling one full step in
rotary movement. The cycle is repeated,
but on the other phase. A total of eight
states are sequenced until the initial
state is reached again.
Half-step mode can overcome
potential resonance problems. Resonan-
ces appear as a sudden loss of torque at
one or more distinct stepping rates and
must be avoided so as not to loose
control of the motor´s shaft position.
One disadvantage with the half-step
mode is the reduced torque in the half
step positions, in which current flows
through one winding only. The torque in
this position is approximately 70 % of the
full step position torque.
Modified half-step mode.The torque
variations in half step mode will be elimi-
nated if the current is increased about
1.4 times in the halfstep position. A
constant torque will further reduce
resonances and mechanical noise,
resulting in better performance, life
expectancy and reliability of the mecha-
nical system.
Modifying the current levels must be
done by bringing the reference voltage
up (or down) from its nominal value
correspondingly. This can be done by
using DACs or simple resistor divider
networks. The PBL 3775/1 is designed
to handle about 1.4 times higher current
in one channel on mode, for example 2
x 500 mA in the full-step position, and 1
x 700 mA in the half-step position.
Figure 14. Typical thermal resistance vs. PC Board copper area and suggested layout.
Figure 15. Stepping modes.
Information given in this data sheet is believed to be
accurate and reliable. However no responsibility is
assumed for the consequences of its use nor for any
infringement of patents or other rights of third parties
which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights
of Ericsson Components. These products are sold only
according to Ericsson Components' general conditions of
sale, unless otherwise confirmed in writing.
Specifications subject to change without notice.
1522-PBL 3775/1 Uen Rev. F
© Ericsson Components AB 1999
Ericsson Components AB
SE-164 81 Kista-Stockholm, Sweden
Telephone: +46 8 757 50 00
Thermal resistance [
°C/W]
PCB copper foil area [cm ]
2
80
70
60
50
40
30
20
510
15
20
30
35
25
PLCC package
DIP package
V
R1
Dis
1
Phase
1
Phase
2
Dis
2
I
MA1
I
MA2
100%
–100%
–100%
100%
Full step mode
Half step mode
Modified half step mode
V
R2
140%
100%
140%
100%
140%
–140%
140%
–140%
Ordering Information
Package
Part No.
DIP Tube
PBL 3775/1NS
PLCC Tube
PBL 3775/1QNS
PLCC Tape & Reel
PBL 3775/1QNT
SO Tube
PBL 3775/1SOS
SO Tape & Reel
PBL 3775/1SOT
16-pin
DIP
20-pin
SO
28-pin
PLCC


Similar Part No. - PBL3775SO

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3770A ERICSSON-PBL3770A Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770ANS ERICSSON-PBL3770ANS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770AQNS ERICSSON-PBL3770AQNS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770AQNT ERICSSON-PBL3770AQNT Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770ASOS ERICSSON-PBL3770ASOS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
More results

Similar Description - PBL3775SO

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com