Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-531PH Datasheet(PDF) 3 Page - Epson Company

Part # SG-531PH
Description  Crystal Oscillators(HCMOS/TTL DUAL IN LINE PLASTIC FULL SIZE SG-51/ HALF SIZE SG-531)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SG-531PH Datasheet(HTML) 3 Page - Epson Company

  SG-531PH Datasheet HTML 1Page - Epson Company SG-531PH Datasheet HTML 2Page - Epson Company SG-531PH Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TEL: +44 1635 528520
FAX: +44 1635 528443
Cr ystal Oscillators - Seiko Epson
HCMOS/TTL DU AL IN LINE PLASTIC FULL SIZE SG51/ HALF SIZE SG531
Dimensions SG531
Typical Oscillator Application
Standard Frequencies SG-531 Series
Frequency (MHz)
Description Stock Number
1.8432
SG531P
AX0184A
3.6864
SG531P
AX0368A
4.00
SG531P
AX0400A
4.9152
SG531P
AX0491A
5.00
SG531
AI0500A
5.00
SG531P
AX0500A
6.00
SG531
AI0600A
6.144
SG531P
AX0614A
7.3728
SG531P
AX0737A
8.00
SG531P
AX0800A
9.8304
SG531P
AX0983A
10.00
SG531P
AX1000A
12.00
SG531P
AX1200A
14.31818
SG531P
AX1431A
14.7456
SG531P
AX1474A
16.00
SG531P
AX1600A
16.257
SG531P
AX1625A
20.00
SG531P
AX2000A
20.2752
SG531P
AX2027A
23.587
SG531P
AX2358A
24.00
SG531P
AX2400A
25.00
SG531
AI2500A
25.00
SG531P
AX2500A
25.175
SG531
AI2517A
28.322
SG531T
AK2832A
32.00
SG531PH
CD3200A
33.33
SG531PH
CD3333A
36.00
SG531PH
CD3600A
40.00
SG531PH
CD4000A
42.00
SG531H
AJ4200A
44.90
SG531H
AJ4490A
48.00
SG531H
AJ4000A
50.00
SG531
AJ5000A
50.00
SG531PH
CD5000A
60.00
SG531YH
BK6000A
64.00
SG531PH
CD6400A
66.00
SG531YH
BK6600A
66.00
SG531PH
CD6600A
66.66
SG531PH
CD6666A
SG531
SG531P
No
Pin Terminal No
Pin Terminal
1NC
1
OE
7
GND
7
GND
8
OUT
8
OUT
14
V
DD
14
V
DD
BEST
O
E P
S O N Q D
P
E A
N D I S T R
I
1994/5


Similar Part No. - SG-531PH

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-531PH EPSON-SG-531PH Datasheet
78Kb / 2P
   FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results

Similar Description - SG-531PH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
   3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL1 ABRACON-ACOL1 Datasheet
418Kb / 1P
   2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
   Full Size HCMOS/TTL Compatible Oscillators
logo
RSG Electronic Componen...
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 10-Jun-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com