Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL3775N Datasheet(PDF) 2 Page - Ericsson

Part # PBL3775N
Description  Dual Stepper Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3775N Datasheet(HTML) 2 Page - Ericsson

  PBL3775N Datasheet HTML 1Page - Ericsson PBL3775N Datasheet HTML 2Page - Ericsson PBL3775N Datasheet HTML 3Page - Ericsson PBL3775N Datasheet HTML 4Page - Ericsson PBL3775N Datasheet HTML 5Page - Ericsson PBL3775N Datasheet HTML 6Page - Ericsson PBL3775N Datasheet HTML 7Page - Ericsson PBL3775N Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PBL 3775/1
2
Maximum Ratings
Parameter
Pin No. (DIP)
Symbol
Min
Max
Unit
Voltage
Logic supply
12
V
CC
07V
Motor supply
4, 19
V
MM
045
V
Logic inputs
9, 10, 13, 14
V
I
-0.3
6
V
Analog inputs
7, 8, 15, 16
V
A
-0.3
V
CC
V
Current
Motor output current
1, 3, 20, 22
I
M
-850
+850
mA
Logic inputs
9, 10, 13, 14
I
I
-10
mA
Analog inputs
7, 8, 15, 16
I
A
-10
mA
Temperature
Operating junction temperature
T
J
-40
+150
°C
Storage temperature
T
S
-55
+150
°C
Power Dissipation (Package Data)
Power dissipation at T
BW = +25°C, DIP and PLCC package
P
D
5W
Power dissipation at T
BW = +125°C, DIP package
P
D
2.2
W
Power dissipation at T
BW = +125°C, PLCC package
P
D
2.6
W
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Logic supply voltage
V
CC
4.75
5
5.25
V
Motor supply voltage
V
MM
10
40
V
Output emitter voltage
V
E
1.0
V
Motor output current
I
M
-750
+750
mA
Operating junction temperature
T
J
-20
+125
°C
Rise and fall time logic inputs
t
r,, tf
2
µs
Oscillator timing resistor
R
T
2
12
20
kohm
Figure 3. Definition of terms.
Figure 2. Definition of symbols.
V
R
t
d
t
50 %
t
on
t
off
| V
– V
|
MA
MB
t
t
V
RC
t
b
V
( I
)
E
M
f =
s
ton toff
+
1
D =
t
ton
off
+
ton
I
I
M
OL
ICC
I
I
I
I
IH
IL
IA
4 700 pF
VCC
V
V
V
I
IH
IL
V
V
A
R
V
V
V
CH
C
A
I
I
C
A
V E
VMM
R
S
R T
12 kW
I MM
C
T
IR
V
RC
IRC
V MA
VM
RC
PBL 3775/1
19
11
12
M
A1
M
B1
M
B2
M A2
GND
C2
V
R2
Phase 2
V
CC
C
1
V
R1
Phase
1
E 1
E 2
V
CC
22
20
14
15
S
R
Q
16
5, 6, 17, 18
Logic
21
S
R
Q
+
Logic
+
4
1
3
2
8
7
9
VMM2
VMM1
Dis
1
10
Dis
13
2
+


Similar Part No. - PBL3775N

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3770A ERICSSON-PBL3770A Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770ANS ERICSSON-PBL3770ANS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770AQNS ERICSSON-PBL3770AQNS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770AQNT ERICSSON-PBL3770AQNT Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
PBL3770ASOS ERICSSON-PBL3770ASOS Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
More results

Similar Description - PBL3775N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com