Selected language     English  ▼


7-1393208-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 7-1393208-2
Description  T90 Series, 30A PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
3
02-2014, Rev. 0214
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
T90 Series, 30A PCB Relay (Continued)
Potter & Brumfield
Product code structure
Typical product code
T90
S
5
D
1
2
-24
Type
T90 Power PCB relay T90
Enclosure
N
Open, no enclosure (snap-on dust cover available as an option)
S
Wash-tight, sealed plastic case with knock off nib for ventilation
Contact arrangement
1
1 form A (1 NO)
2
1 form B (1 NC)
5
1 form C (1 CO)
Coil Input
D
DC voltage
Mounting and termination
1
PCB terminals
4
PCB terminals, no common terminal between coil terminals (see PCB layout/terminal assignment drawing)
Note: Terminal code 4 recommended for UL 873 applications. Consult factory for use of terminal code 1 for UL 873 applications.
Contact material
2
AgCdO
Coil voltage
Coil code: please refer to coil versions table
Product Code
Enclosure
Contacts
Terminals
Contact Material
Coil
Part Number
 T90N1D12-5
open, no cover
1 form A, 1 NO
PCB
AgCdO
5 VDC
7-1393208-4 
 T90N1D12-9
9 VDC
7-1393208-5 
 T90N1D12-12
12 VDC
6-1393208-5 
 T90N1D12-18
18 VDC
6-1393208-8 
 T90N1D12-24
24 VDC
7-1393208-0 
 T90N1D12-48
48 VDC
7-1393208-3 
 T90N1D12-110
110 VDC
6-1393208-4 
 T90N1D42-12
PCB, no extra COM
12 VDC
7-1393208-7 
 T90N1D42-24
24 VDC
7-1393208-9 
 T90N5D12-5
1 form C, 1 CO
PCB
5 VDC
9-1393208-5 
 T90N5D12-12
12 VDC
8-1393208-6 
 T90N5D12-18
18 VDC
9-1393208-0 
 T90N5D12-24
24 VDC
9-1393208-3 
 T90N5D12-48
48 VDC
9-1393208-4 
 T90N5D12-110
110 VDC
8-1393208-5 
 T90N5D42-12
PCB, no extra COM
12VDC
9-1393208-9 
 T90N5D42-24
24 VDC
1393209-2 
 T90S1D12-5
wash tight
1 form A, 1 NO
PCB
5 VDC
1-1393209-8 
 T90S1D12-6
6 VDC
1-1393209-9 
 T90S1D12-9
9 VDC
2-1393209-0 
 T90S1D12-12
12 VDC
1-1393209-2 
 T90S1D12-18
18 VDC
1-1393209-3 
 T90S1D12-24
24 VDC
1-1393209-6 
 T90S1D42-12
PCB, no extra COM
12 VDC
2-1393209-2 
 T90S1D42-24
24 VDC
2-1393209-5 
 T90S1D42-48
48 VDC
2-1393209-6 
 T90S5D12-5
1 form C, 1 CO
PCB
5 VDC
3-1393209-4 
 T90S5D12-12
12 VDC
2-1393209-8 
 T90S5D12-18
18 VDC
3-1393209-0 
 T90S5D12-24
24 VDC
3-1393209-1 
 T90S5D12-48
48 VDC
3-1393209-3 
 T90S5D42-12
PCB, no extra COM
12 VDC
1423094-1 
 T90S5D42-18
18 VDC
3-1393209-8 
 T90S5D42-24
24 VDC
4-1393209-0 
General Purpose
High Power PCB Relays




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl