Electronic Components Datasheet Search |
|
PBL3771SO Datasheet(PDF) 3 Page - Ericsson |
|
PBL3771SO Datasheet(HTML) 3 Page - Ericsson |
3 / 8 page PBL 3771/1 3 Electrical Characteristics Electrical characteristics over recommended operating conditions, unless otherwise noted. -20 °C - T J - +125 °C. Ref. Parameter Symbol fig. Conditions Min Typ Max Unit General Supply current I CC 38 50 mA Total power dissipation P D V MM = 40 V, IM1= 450 mA, I M2= 0 mA. 1.4 1.6 W Notes 2, 3. V MM = 40 V, IM1 = IM2 = 318 mA. 1.6 1.8 W Notes 2, 3. Turn-off delay t d 3T a = +25°C, dVC/dt ≥ 50 mV/µs. 1.0 1.5 µs Note 3. Logic Inputs Logic HIGH input voltage V IH 2.0 V Logic LOW input voltage V IL 0.8 V Logic HIGH input current I IH V I = 2.4 V 20 µA Logic LOW input current I IL V I = 0.4 V -0.4 mA Reference Inputs Input resistance R R T a = +25°C 5 kohms Input current I R T a = +25°C, VR = 2.5 V. 0.5 1.0 mA Turn-off voltage V TO 20 29 38 mV Comparator Inputs Threshold voltage V CH R C = 1 kohms, VR = 2.5 V 430 450 470 mV | V CH1 - VCH2 | mismatch V CH,diff R C = 1 kohms 1 mV Input current I C -10 1 µA Motor Outputs Lower transistor saturation voltage I M = 500 mA 1.00 1.20 V Lower transistor leakage current V MM = 41 V, VE = VR = 0 V, VC = VCC 300 µA Lower diode forward voltage drop I M = 500 mA 1.10 1.25 V Upper transistor saturation voltage I M = 500 mA 1.20 1.35 V Upper transistor leakage current V MM = 41 V, VE = VR = 0 V, VC = VCC 300 µA Upper diode forward voltage drop I M = 500 mA 1.00 1.25 V Chopper Oscillator Chopping frequency f s 3C T = 3300 pF, RT = 15 kohms 25.0 26.5 28.0 kHz Thermal Characteristics Ref. Parameter Symbol fig. Conditions Min Typ Max Unit Thermal resistance Rth J-BW 13 DIL package. 11 °C/W Rth J-A 13 DIL package. Note 2. 40 °C/W Rth J-BW 13 PLCC package. 9 °C/W Rth J-A 13 PLCC package. Note 2. 35 °C/W Rth J-BW 13 SO package. 13 °C/W Rth J-A 13 SO package. Note 2. 42 °C/W Notes 1. All voltages are with respect to ground. Currents are positive into, negative out of specified terminal. 2. All ground pins soldered onto a 20 cm2 PCB copper area with free air convection. 3. Not covered by final test program. 4. Switching duty cycle D = 30%, f S = 26.5 kHz. |
Similar Part No. - PBL3771SO |
|
Similar Description - PBL3771SO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |