Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL3853 Datasheet(PDF) 7 Page - Ericsson

Part # PBL3853
Description  Universal Speech Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3853 Datasheet(HTML) 7 Page - Ericsson

Back Button PBL3853 Datasheet HTML 3Page - Ericsson PBL3853 Datasheet HTML 4Page - Ericsson PBL3853 Datasheet HTML 5Page - Ericsson PBL3853 Datasheet HTML 6Page - Ericsson PBL3853 Datasheet HTML 7Page - Ericsson PBL3853 Datasheet HTML 8Page - Ericsson PBL3853 Datasheet HTML 9Page - Ericsson PBL3853 Datasheet HTML 10Page - Ericsson PBL3853 Datasheet HTML 11Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PBL 3853
7
Transmitter Amplifier
The transmitter consists of two stages.
The output of the transmitter drives a
signal with adjustable impedance into
the line. The signal at pin 1 (positive line)
is 180 degrees out of phase with the
signal at pin 2 from where the side tone
compensation signal is taken. The
transmitter has two inputs. An input at
pin 5, where both active impedance and
DC-characteristic can be adjusted.
Another input at pin 3, which is the
microphone signal input, where the filter
for the transmitter frequency
characteristic is placed. Pin 3 is at the
same time used as a summing point to
all other audio signals that are
transmitted into the line (DTMF tones,
hands free signal...). See figure 4.
Receiver Amplifier
The receiver gets its input signal from
the summing point where the side tone
cancellation takes place. The output
drives single sided a low
Ω (150 Ω)
acoustical transducer. Diodes for
absorbing acoustical shock must be
provided externally. The amplifier has
two inputs. One of them can be
regulated with line length, the other has
fixed unity gain. The latter can be used to
cut off the receiver by forcing the input
positive and is also useful for injecting
the DTMF confidence tone into the
receiver. The receiver amplifier is
powered from the regulated DC-supply
at pin 18.
Figure 8. Fixed gain and line length
regulation.
Connecting the pin 6 to ground disables
the line length regulation in the high gain
mode, whereas setting the pin 6 on 1.2
V dc level or higher disables the line
length regulation in low gain mode.
Microphone Amplifier
The microphone amplifier is primarily
designed to be used with dynamic or
magnetic microphones but can be used
with buffered elctret microphones as
well. The input of the amplifier is
balanced for good CMRR. The gain of
the amplifier can be regulated with the
line length. The microphone amplifier
has a mute input of its own. Pin 10.
It is possible to use the microphone
amplifier as a limiter (added to the limiter
in the transmitter output stage) of the
transmitted signal. The positive output
swing is then limited by the peak output
current of the microphone amplifier. The
negative swing is limited by the
saturation voltage of the output amplifier.
The output of the amplifier is DC-wise at
internal reference level (1.2 V). The
lowest negative level for the signal is
reference minus one diode and
sat.transistor drop. (1.2-0.6-0.1=0.5 V).
The correct clipping level is found by
determining the composite AC- and DC-
load that gives a maximum symmetrical
unclipped signal at the output. This
signal is then fed into the transmitter
amplifier at a level that renders a
symmetrical signal clipping on the line
(adjust with ratio R
3, R4). The total
transmitter gain can then be adjusted
with the load of the electret microphone
buffer amplifier. See figure 9.
Figure 10. Common receiver and
transmitter mute arrangement.
Figure 11. Microphone solutions.
Figure 9. Microphone amplifier output
clipping, level.
PBL3853
5
4
6
15k
10k
+
+
1.2V
2.5k
8.77k
+
1.2V
7.5k
13k
15k
37.5k
45k
I=0.3mA
Circuit supply
to gain reg.
with line length
(
≈ 6dB)
VX
VF
+
RC
RD
R1
C3
Line
11
PBL 3853
C4
R3
DC-
load
R4
AC-
load
RDTMF
TI
Z
DTMF
Z
Powerful
cc gen
Valid when no C4 is used.
DC-load=R3+R4 R3+R4>6k
AC-load=R3+R4// (R
+Z
) //Z
TI
DTMF
DTMF
DC (ref.
≈1.2V)
ref.-diod
≈0.5V
PBL 3853
18
10
17
DTMF in
11
12
13
Dynamic mic.
PBL 3853
+
-
M
a)
11
12
13
2x50k
Extended low voltage/
current operation
+
-
M
PBL 3853
c)
11
12
13
4 PBL 3853
d)
+
-
M
11
13
PBL 3853
e)
+
-
M
12
DC
C
11
12
13
4
R
If balanced mic.is used an
additional RC link is recomm.
if pin 4 is used as supply
PBL 3853
f)
+
-
M
11
12
13
Magnetic mic.
PBL 3853
+
-
M
b)


Similar Part No. - PBL3853

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL385411N ERICSSON-PBL385411N Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL385411SO ERICSSON-PBL385411SO Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL385411SO-T ERICSSON-PBL385411SO-T Datasheet
277Kb / 14P
   Universal Speech Circuit
More results

Similar Description - PBL3853

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com