Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL38541 Datasheet(PDF) 1 Page - Ericsson

Part # PBL38541
Description  Universal Speech Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38541 Datasheet(HTML) 1 Page - Ericsson

  PBL38541 Datasheet HTML 1Page - Ericsson PBL38541 Datasheet HTML 2Page - Ericsson PBL38541 Datasheet HTML 3Page - Ericsson PBL38541 Datasheet HTML 4Page - Ericsson PBL38541 Datasheet HTML 5Page - Ericsson PBL38541 Datasheet HTML 6Page - Ericsson PBL38541 Datasheet HTML 7Page - Ericsson PBL38541 Datasheet HTML 8Page - Ericsson PBL38541 Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
PBL 385 41
PBL 385 41
Universal Speech Circuit
Description.
PBL 38541 is a monolithic integrated speech transmission
circuit for use in
electronic telephones or in any other line interface application. High settable supply
current for auxiliary functions, up to 6.0 mA (at high line currents). The circuit is designed
to accomodate either a low impedance dynamic or an electret microphone. Microphone
can be muted separately. Payphone signaling and DTMF dialling tones have a separate
input that is controlled by a mute signal.
A signal summing point is available at the
transmitter input. An internally preset line length compensation can be adjusted with
external resistors to fit into different current feed systems as for ex. 48 V, 2 x 200 ohms,
48 V, 2 x 400 ohms and 48 V, 2 x 800 ohms. The line length compensation can be shut
off in either high or low gain mode. Application dependent parameters such as line
balance, side tone level, transmitter and receiver gains and frequency responces are set
independently by external components which means an easy adaption to various market
needs. The setting of the parameters if carried out in certain order will counteract the
interaction between the settings. The circuit provides four different DC - supplies to feed
microphones,diallers and other more current consuming functions like handsfree systems.
Pin numbers in this datasheet refer to 18-pin DIP package unless otherwhise noted.
Figure 1. Functional diagram DIP package.
Key features.
Minimum number of
external
components, with two filtered DC-
supplies, 7
capacitors and 11
resistors.
Easy adaption to various market
needs.
Mute control input for operation with
DTMF - generator.
A separate signaling input for
payphone and DTMF tones controlled
by mute.
Transmitter and receiver gain
regulation for automatic loop loss
compensation.
Extended current and voltage range
4 - 130 mA, down to 2 .2V.
Differential microphone input for good
balance to ground.
Balanced receiver output stage.
One stabilized DC - supply for low
current CMOS diallers and or electret
microphones. One settable current
limited supply with 6 mA max. current.
Short start up time.
Excellent RFI performance.
18 - pin DIP and 20 - pin SO packages.
17
14
2
3
11
12
13
18
16
AM
AT
5
AR
15
4
+
10
AD
1
PBL 385 41
7
9
DTMF
input
+
6
Mic.
8
DC-supply
+
Mute
(active low)
DC 2 - output for
external devices
Telephone
line
5
2
4
3
1
Gain
regulation
DC1- output for
external devices
+
1. Impedance to the line and radio interference suppression
2. Transmitter gain and frequency responce network
3. Receiver gain and frequency responce network
4. Sidetone balance network
5. DC supply components
November 1998
20-pin plastic SO
18-pin plastic DIP


Similar Part No. - PBL38541

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
   Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
   Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
   Universal Speech Circuit
More results

Similar Description - PBL38541

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
Ericsson
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
   Universal Speech Circuit
logo
Unisonic Technologies
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com