Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21101 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TDA21101
Description  High speed Driver with bootstrapping for dual Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21101 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TDA21101 Datasheet HTML 1Page - Infineon Technologies AG TDA21101 Datasheet HTML 2Page - Infineon Technologies AG TDA21101 Datasheet HTML 3Page - Infineon Technologies AG TDA21101 Datasheet HTML 4Page - Infineon Technologies AG TDA21101 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary Data Sheet
TDA21101
Page 1
2002-03-28
• Fast rise and fall times for frequencies up to 2 MHz
• Capable of sinking and sourcing of more than 4 A peak current for lowest
switching losses
• Charges High Side (internally clamped to 10 V) and Low Side MOSFET´s gates
up to 12 V for lowest on-losses
• Adjustable High Side MOSFET gate drive voltage via high impedance PVCC pin
for optimizing ON losses, gate drive losses, and switching losses
• Integrates the bootstrap diode for reducing the part count
• Prevents from cross-conducting by adaptive gate drive control
• Protects the driver against over-temperature
• Supports shut-down mode for very low quiescent current through three-state input
• Compatible to standard PWM controller ICs
• Floating High Side MOSFET drive up to 30 V
• Operates with VPVCC = 5 to 12 V ± 10 % à requires no separate supply voltage
• 1:1 compatible to HIP6601A and HIP6601B
• Ideal for multi-phase Desktop CPU supplies on motherboards and VRM´s and
Notebook CPU supplies
Type
Package
Marking
Ordering Code
TDA21101
P-DSO-8
21101G
Q67042-S4170-A101
GATEHS
1
8 PHASE
BOOT
2
7 P
VCC
PWM
3
6 V
CC
GND
4
5 GATE
LS
P-DSO-8
High speed Driver with bootstrapping for
dual Power MOSFETs
Features
Number Name
Description
1
GATEHS
Gate drive output for the N-Channel
High side MOSFET
2
BOOT
Floating bootstrap pin. To be
connected to the external bootstrap
capacitor to generate the gate drive
voltage for the high side N-Channel
MOSFET
3
PWM
Input for the PWM controller signal
4
GND
Ground
5
GATELS
Gate drive output for the N-Channel
Low Side MOSFET
6
VCC
Supply voltage
7
PVCC
High impedance input to adjust the
High Side gate drive
8
PHASE
This pin connects to the junction of
the High Side and the Low Side
MOSFET
Top View
Pinout


Similar Part No. - TDA21101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21102 INFINEON-TDA21102 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
More results

Similar Description - TDA21101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
   Dual MOSFET Driver with Bootstrapping
REV. 0
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
   Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Analog Devices
ADP3415 AD-ADP3415 Datasheet
166Kb / 12P
   Dual MOSFET Driver with Bootstrapping
REV. B
logo
Microchip Technology
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
   2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com