Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1731TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA1731TS
Description  GreenChip SMPS control IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1731TS Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA1731TS Datasheet HTML 1Page - NXP Semiconductors TEA1731TS Datasheet HTML 2Page - NXP Semiconductors TEA1731TS Datasheet HTML 3Page - NXP Semiconductors TEA1731TS Datasheet HTML 4Page - NXP Semiconductors TEA1731TS Datasheet HTML 5Page - NXP Semiconductors TEA1731TS Datasheet HTML 6Page - NXP Semiconductors TEA1731TS Datasheet HTML 7Page - NXP Semiconductors TEA1731TS Datasheet HTML 8Page - NXP Semiconductors TEA1731TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TEA1731TS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2.1 — 16 August 2012
2 of 19
NXP Semiconductors
TEA1731TS
GreenChip SMPS control IC
Protection input (for external OTP and external OVP)
IC overtemperature protection
3.
Applications
All applications that require an efficient and cost-effective power supply solution up to
75 W.
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
TEA1731TS
TSOP6
plastic surface-mounted package; 6 leads
SOT457
Fig 1.
TEA1731TS block diagram
DDD
%/$1.
2&3
/(%
ODWFK
VRIWVWDUW
',*,7$/ &21752/
VRIWVWDUW

—$
7(03(5$785(
3527(&7,21
9&&VWDUW
9&&VWRS
ODWFK UHVHW
273
VWRS
VHW
'59


'5,9(5

*1'

9&&
,6(16(
4
6
5
3527(&7

9FFVLQN
ODWFK
 9
 9
9
9
 9

$

$
SURWKLJK
SURWORZ
9FWUO ,SHDN
9
293
&2817
72
GULYHU
GULYHU
VWRS
26&,//$725
IUHTXHQF\ UHGXFWLRQ
VHW
02'8/$7,21
6/23(
&203(16$7,21
$1$/2*
&21752/

 9
 N
&75/
9FWUO ,SHDN
9FWUO ,SHDN
P9
PVHF
GHOD\
RYHUORDG
29(532:(5
&203(16$7,21
&2817
72 
UHVWDUW
PD[
PD[
PD[
PD[ SURW
PD[ SURW
4
6
5
SRZHUGRZQ
SURWORZ
273
RYHUORDG
 P$
ODWFK
ODWFK UHVHW
4
6
5
SURWKLJK
SURWORZ
293
UHVWDUW
6
5
4
5(67$57
&21752/
UHVWDUW
9FF VLQN
SRZHUGRZQ
 9
9&&VWDUW


Similar Part No. - TEA1731TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1731LTS PHILIPS-TEA1731LTS Datasheet
244Kb / 19P
   GreenChip SMPS control IC
Rev. 2-16 August 2012
More results

Similar Description - TEA1731TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com