Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7612U2K5 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7612U2K5
Description  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7612U2K5 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7612U2K5 Datasheet HTML 1Page - Texas Instruments DAC7612U2K5 Datasheet HTML 2Page - Texas Instruments DAC7612U2K5 Datasheet HTML 3Page - Texas Instruments DAC7612U2K5 Datasheet HTML 4Page - Texas Instruments DAC7612U2K5 Datasheet HTML 5Page - Texas Instruments DAC7612U2K5 Datasheet HTML 6Page - Texas Instruments DAC7612U2K5 Datasheet HTML 7Page - Texas Instruments DAC7612U2K5 Datasheet HTML 8Page - Texas Instruments DAC7612U2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
DAC7612
PIN CONFIGURATION
Top View
SO-8
VDD to GND .......................................................................... –0.3V to 6V
Digital Inputs to GND .............................................. –0.3V to VDD + 0.3V
VOUT to GND ........................................................... –0.3V to VDD + 0.3V
Power Dissipation ........................................................................ 325mW
Thermal Resistance,
θ
JA ........................................................... 150°C/W
Maximum Junction Temperature .................................................. +150
°C
Operating Temperature Range ...................................... –40
°C to +85°C
Storage Temperature Range ....................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PIN DESCRIPTIONS
PIN
LABEL
DESCRIPTION
1
SDI
Serial Data Input. Data is clocked into the internal
serial register on the rising edge of CLK.
2
CLK
Synchronous Clock for the Serial Data Input.
3
LOADDACS
Loads the internal DAC registers. All DAC registers
are transparent latches and are transparent when
LOADDACS is LOW (regardless of the state of CS
or CLK).
4
CS
Chip Select. Active LOW.
5VOUTB
DAC B Output Voltage
6
GND
Ground
7VDD
Positive Power Supply
8VOUTA
DAC A Output Voltage
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
MINIMUM
RELATIVE
DIFFERENTIAL
SPECIFICATION
PACKAGE
ACCURACY
NONLINEARITY
TEMPERATURE
DRAWING
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
RANGE
PACKAGE
NUMBER(1)
NUMBER(2)
MEDIA
DAC7612U
±2
±1
–40
°C to +85°C
SO-8
182
DAC7612U
Rails
""
"
"
""
DAC7612U/2K5
Tape and Reel
DAC7612UB
±1
±1
–40
°C to +85°C
SO-8
182
DAC7612UB
Rails
""
"
"
""
DAC7612UB/2K5
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “DAC7612U/2K5” will get a single
2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
1
2
3
4
8
7
6
5
SDI
CLK
LOADDACS
CS
V
OUTA
V
DD
GND
V
OUTB
DAC7612U


Similar Part No. - DAC7612U2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7612U2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com