Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THT-56-427-5-SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # THT-56-427-5-SC
Description  BBP11 Small Core Materials
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

THT-56-427-5-SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  THT-56-427-5-SC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
86
BBP®11 Small Core Materials
www.BradyID.com/bbp11
Benchtop Printer Ribbons on page 184.
Full Material Properties on page 187.
Diagram Part Number
B-#
Material Color
Label
Width A
Inch (mm)
Label
Height B
Inch (mm)
Horiz.
Repeat C
Inch (mm)
Vert. Repeat
D
Inch (mm)
Web Width
E
Inch (mm)
Write On
Area F
(Height)
Labels
Per
Row
Labels
Per
Pkg
Rec.
Ribbon
Fig. 12 THT-80-427-2.5-SC
B-427 Vinyl
White/Transparent 0.500 (12.7) 0.750 (19.1) 0.600 (15.2) 0.950 (24.1)
2.500 (63.5) 0.375 (9.5)
4
2,500
R4313
Fig. 12 THT-8-427-5-SC
B-427 Vinyl
White/Transparent 0.500 (12.7) 1.437 (36.5) 0.662 (16.8) 1.625 (41.3)
3.350 (85.1) 0.500 (12.7) 5
5,000
R4313
Fig. 12 THT-56-427-5-SC
B-427 Vinyl
White/Transparent 0.750 (19.1) 0.938 (23.8) 0.800 (20.3) 1.125 (28.6)
3.350 (85.1) 0.375 (9.5)
4
5,000
R4313
Fig. 12 THT-74-427-5-SC
B-427 Vinyl
White/Transparent 0.800 (20.3) 1.437 (36.5) 0.800 (20.3) 1.625 (41.3)
3.350 (85.1) 0.500 (12.7) 4
5,000
R4313
Fig. 12 THT-9-427-2.5-SC
B-427 Vinyl
White/Transparent 1.000 (25.4) 1.437 (36.5) 1.075 (27.3) 1.625 (41.3)
3.350 (85.1) 0.500 (12.7) 3
2,500
R4313
Fig. 12 THT-75-427-1.5-SC
B-427 Vinyl
White/Transparent 1.000 (25.4) 2.250 (57.2) 1.100 (27.9) 2.375 (60.3)
2.300 (58.4) 0.750 (19.1) 2
1,500
R4313
Fig. 12 THT-10-427-1.5-SC
B-427 Vinyl
White/Transparent 1.000 (25.4) 3.750 (95.3) 1.075 (27.3) 4.000 (101.6) 3.350 (85.1) 1.000 (25.4) 3
1,500
R4313
Fig. 12 THT-81-427-.5-SC
B-427 Vinyl
White/Transparent 1.000 (25.4) 6.000 (152.4) 1.100 (27.9) 6.187 (157.2) 2.300 (58.4) 1.500 (38.1) 2
500
R4313
Fig. 9
THT-135-427-2-AWSC B-427 Vinyl
White
1.500 (38.1) 0.750 (19.1) -
0.875 (22.2)
1.700 (43.2) 0.750 (19.1) 1
2,000
R4313
Fig. 14 THT-119-427-1-SC
B-427 Vinyl
White/Transparent 1.500 (38.1) 1.500 (38.1) 0.500 (12.7) 1.625 (41.3)
1.700 (43.1) 0.500 (12.7) 1
1,000
R4313
Fig. 14 THT-121-427-1-SC
B-427 Vinyl
White/Transparent 1.750 (44.5) 1.500 (38.1) 0.500 (12.7) 1.625 (41.3)
1.950 (49.5) 0.500 (12.7) 1
1,000
R4313
Fig. 14 THT-27-427-.5-SC
B-427 Vinyl
White/Transparent 2.000 (50.8) 3.750 (95.3) 1.000 (25.4) 4.000 (101.6) 2.200 (55.9) 1.000 (25.4) 1
500
R4313
Fig. 14 THT-26-427-.5-SC
B-427 Vinyl
White/Transparent 2.500 (63.5) 2.250 (57.2) 0.750 (19.1) 2.438 (61.9)
2.700 (68.6) 0.750 (19.1) 1
500
R4313
Fig. 15 THT-131-427-1.5-SC
B-427 Vinyl
White/Transparent 2.625 (66.7) 1.000 (25.4) 2.625 (66.7) 1.125 (28.6)
2.825 (71.8) 1.000 (25.4) 1
1,500
R4313
BBP®11 1” Small Core Label Rolls:
Self-Laminating Wire & Cable Material
• B-427 Self-Laminating Wire Material
- Brady’s most popular wire and cable
marker. Self-laminating vinyl features white printable area with a clear “tail” that
wraps around marker. Tail serves as overlaminate to protect the print. Superior
resistance to abrasion, solvents, water, oil and dirt.
Figure 9
E
D
B
Figure 12
E
A
C
F
B D
Figure 15
E
F
B
D
A
Figure 14
A
F
D
E
B
Diagram Part Number
B-#
Material
Color
Label Width
A
Inch (mm)
Label Height B
Inch (mm)
Horiz. Repeat
C
Inch (mm)
Vert. Repeat
D
Inch (mm)
Web Width
E
Inch (mm)
Labels
Per
Row
Labels
Per Pkg
Rec.
Ribbon
Fig. 1
THT-1-457-5-SC
B-457 Polyimide
White
0.750 (19.1)
0.250 (6.4)
0.800 (20.3)
0.350 (8.9)
3.350 (85.1) 4
5,000
R6013
Fig. 2
THT-103-457-5-SC
B-457 Polyimide
White
1.000 (25.4)
0.250 (6.4)
-
0.350 (8.9)
1.200 (30.5) 1
5,000
R6013
Fig. 2
THT-58-457-5-SC
B-457 Polyimide
White
1.000 (25.4)
0.375 (9.5)
-
0.475 (12.1)
1.200 (30.5) 1
5,000
R6013
Fig. 2
THT-59-457-2.5-SC B-457 Polyimide
White
1.000 (25.4)
0.500 (12.7)
-
0.600 (15.2)
1.200 (30.5) 1
2,500
R6013
Fig. 2
THT-43-457-5-SC
B-457 Polyimide
White
1.250 (31.8)
0.250 (6.4)
-
0.350 (8.9)
1.450 (36.8) 1
5,000
R6013
Fig. 2
THT-45-457-5-SC
B-457 Polyimide
White
1.500 (38.1)
0.250 (6.4)
-
0.350 (8.9)
1.700 (43.2) 1
5,000
R6013
BBP®11 1” Small Core Label Rolls:
Circuit Board Materials
Various sizes for marking PCB’s, electronic components and more.
A
C
E
D
B
Figure 1
E
A
D
B
Figure 2
• B-457 Polyimide Material -
High temperature
performance, white polyimide material with
glossy finish and permanent adhesive.
Withstands wave solder environments
for printed circuit board and electronic
component preprocess labeling. In
combination with the Series R6000 ribbons,
it passes the requirements of MIL-STD-202G,
Notice 12, Method 215K.


Similar Part No. - THT-56-427-5-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THT-5-423-10 ETC2-THT-5-423-10 Datasheet
785Kb / 1P
   BBP 33 Label Printer
More results

Similar Description - THT-56-427-5-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTL-28-426 ETC2-PTL-28-426 Datasheet
933Kb / 1P
   BBP 11 Small Core Materials
logo
TE Connectivity Ltd
MHR TEC-MHR Datasheet
159Kb / 5P
   Small size and low mass core
logo
List of Unclassifed Man...
3020-10-0300-00 ETC2-3020-10-0300-00 Datasheet
978Kb / 1P
   ALL MATERIALS MUST BE GP MATERIALS
logo
3M Electronics
4038 3M-4038 Datasheet
71Kb / 2P
   Fit Testing Materials
01/01/04
logo
Amphenol Corporation
925-127P-51P AMPHENOL-925-127P-51P Datasheet
110Kb / 1P
   MATERIALS AND FINISHES
925-128C-51A AMPHENOL-925-128C-51A Datasheet
115Kb / 1P
   MATERIALS AND FINISHES
logo
Texas Instruments
TPS51620 TI1-TPS51620 Datasheet
563Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51610 TI1-TPS51610 Datasheet
694Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS61177 TI1-TPS61177 Datasheet
788Kb / 8P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
TPS51620RHARG4 TI-TPS51620RHARG4 Datasheet
478Kb / 7P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com