Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL42 Datasheet(PDF) 3 Page - 3M Electronics

Part # TL42
Description  Threadlocker Anaerobic Adhesives
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TL42 Datasheet(HTML) 3 Page - 3M Electronics

  TL42 Datasheet HTML 1Page - 3M Electronics TL42 Datasheet HTML 2Page - 3M Electronics TL42 Datasheet HTML 3Page - 3M Electronics TL42 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3MScotch-Weld
Threadlocker Anaerobic Adhesives
TL22 • TL42 • TL43 • TL62 • TL71 • TL72 • TL77 • TL90
- 3 -
Directions for Use
3M™ Scotch-Weld™ Threadlocker Anaerobic Adhesives are not recommended for
use on most plastics due to potential cracking of plastic parts. Also, they are not
recommended for use in piping systems that contain pure oxygen or an oxygen-rich
environment, chlorine, or strong oxidizing substances.
For Assembly
1. Ensure parts are clean, dry and free from oil, grease and dirt. For best results,
clean and dry parts with solvent or 3M™ Scotch-Weld™ Activator. (Activator
can also be used on inactive surfaces or to accelerate the cure on active
surfaces.)
2. If not sure of surface type, always use activator. Refer to Material Surface
Activity and Cure Speed section for more information.
3. Shake the adhesive bottle well before use.
4. Avoid touching the metal surfaces with the bottle tip since the metal ions may
react with the adhesive upon contact and eventually may clog the bottle tip.
5. Apply adhesive onto the threaded part where the contact area will be in the final
assembly. For larger parts, use more adhesive and rotate the threaded part to
spread adhesive evenly around contact area.
6. For through holes, apply several drops of adhesive onto the bolt at the nut
engagement area. For blind holes, apply several drops of the adhesive down the
internal threads to the bottom of the hole.
7. Assemble the nut/fastener and tighten as required.
8. Allow assemblies to set for sufficient time so that handling strength or full cure
will occur before further processing or testing.
For Disassembly
1. Loosen or remove with regular hand tools.
2. If hand tools do not work due to the assembled parts being well tightened, apply
localized heat (approximately 490°F) to the nut or bolt and disassemble while
parts are still hot. Use extreme caution when working with heat sources (e.g. heat
gun, flames, etc.
Handling Information
Active (Fast)
Inactive (Slow)
Material Surface
Activity and Cure
Speed
• Brass
• Bronze
• Commercial aluminum
• Copper
• Iron
•Kovar
®
• Manganese
• Monel
®
• Nickel
• Anodized aluminum
• Cadmium
• Chemical black oxide
• Galvanized steel
• Gold
• Inconel
®
• Magnesium
• Magnetite steel
• Plated parts
• Pure aluminum
• Silver
• Stainless steel
•Zinc


Similar Part No. - TL42

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL42 3M-TL42 Datasheet
363Kb / 6P
   Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
E-SWITCH
TL4201EEYA E-SWITCH-TL4201EEYA Datasheet
74Kb / 1P
   E-SWITCH TL4201EEYA
logo
Texas Instruments
TL4242 TI-TL4242 Datasheet
550Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
555Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
498Kb / 14P
[Old version datasheet]   ADJUSTABLE LED DRIVER
More results

Similar Description - TL42

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL22 3M-TL22 Datasheet
363Kb / 6P
   Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
RT09 3M-RT09 Datasheet
392Kb / 6P
   Scotch-WeldTM Retaining Compound Anaerobic Adhesives
GM18 3M-GM18 Datasheet
325Kb / 5P
   Scotch-WeldTM Gasket Maker Anaerobic Adhesives
HP42 3M-HP42 Datasheet
338Kb / 6P
   3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
   Adhesives
logo
3M Electronics
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
DP100 3M-DP100 Datasheet
539Kb / 8P
   Epoxy Adhesives
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
3M Electronics
4224-NF 3M-4224-NF Datasheet
362Kb / 4P
   FastbondTM Pressure Sensitive Adhesives
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
   Scotch-Weld??Acrylic Adhesives
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com