Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV4114N Datasheet(PDF) 2 Page - ebm-papst

Part # DV4114N
Description  DC diagonal compact fan
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

DV4114N Datasheet(HTML) 2 Page - ebm-papst

  DV4114N Datasheet HTML 1Page - ebm-papst DV4114N Datasheet HTML 2Page - ebm-papst DV4114N Datasheet HTML 3Page - ebm-papst DV4114N Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC diagonal compact fan
sickled blades (S series)
DV 4114 N
Technical features
Housing material
Fibreglass-reinforced plastic (PBT)
Impeller material
Fibreglass-reinforced plastic (PA)
Mass
0.375 kg
Dimensions
119 x 119 x 38 mm
Direction of air flow
Air exhaust over bars
Direction of rotation
Left, looking at rotor
Bearing
Ball bearings
Lifetime L10 at 40 °C
70000 h
Lifetime L10 at maximum
temperature
40000 h
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Motor protection
Protected against reverse polarity and locking.
Locked-rotor protection
With electronic blocking and overload protection
Approval
VDE, CSA, UL, CE
Web data sheet · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com


Similar Part No. - DV4114N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
DV4112N EBMPAPST-DV4112N Datasheet
342Kb / 4P
   DC diagonal compact fan
DV4118N EBMPAPST-DV4118N Datasheet
342Kb / 4P
   DC diagonal compact fan
More results

Similar Description - DV4114N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
DV5218N EBMPAPST-DV5218N Datasheet
390Kb / 4P
   DC diagonal compact fan
DV4112N EBMPAPST-DV4112N Datasheet
342Kb / 4P
   DC diagonal compact fan
DV6224 EBMPAPST-DV6224_16 Datasheet
370Kb / 4P
   DC diagonal compact fan
DV4118N EBMPAPST-DV4118N Datasheet
342Kb / 4P
   DC diagonal compact fan
DV6224TD EBMPAPST-DV6224TD Datasheet
370Kb / 4P
   DC diagonal compact fan
DV5212N EBMPAPST-DV5212N Datasheet
389Kb / 4P
   DC diagonal compact fan
DV5214N EBMPAPST-DV5214N Datasheet
389Kb / 4P
   DC diagonal compact fan
DV6224 EBMPAPST-DV6224 Datasheet
328Kb / 2P
   DC diagonal fan
DV63182TDH4P EBMPAPST-DV63182TDH4P Datasheet
240Kb / 4P
   DC diagonal fan
DV63182TDH5P EBMPAPST-DV63182TDH5P Datasheet
569Kb / 4P
   DC diagonal fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com