Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL386212SHT Datasheet(PDF) 8 Page - Ericsson

Part # PBL386212SHT
Description  Subscriber Line Interface Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386212SHT Datasheet(HTML) 8 Page - Ericsson

Back Button PBL386212SHT Datasheet HTML 4Page - Ericsson PBL386212SHT Datasheet HTML 5Page - Ericsson PBL386212SHT Datasheet HTML 6Page - Ericsson PBL386212SHT Datasheet HTML 7Page - Ericsson PBL386212SHT Datasheet HTML 8Page - Ericsson PBL386212SHT Datasheet HTML 9Page - Ericsson PBL386212SHT Datasheet HTML 10Page - Ericsson PBL386212SHT Datasheet HTML 11Page - Ericsson PBL386212SHT Datasheet HTML 12Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PBL 386 21/2
8
Refer to figure 7.
PLCC
Symbol
Description
1
PTG
Prog. Transmit Gain. Left open transmit gain = 0.0 dB, connected to AGND transmit gain = -6.02 dB.
2
RRLY
Ring Relay driver output. The relay coil may be connected to maximum +14V.
3
HP
Connection for High Pass filter capacitor, C
HP. Other end of CHP connects to TIPX.
4NC
No internal Connection.
5
RINGX
The TIPX and RINGX pins connect to the tip and ring leads of the two-wire interface via overvoltage
protection components and ring relay (and optional test relay).
6
BGND
Battery Ground, should be tied together with AGND.
7
TIPX
The TIPX and RINGX pins connect to the tip and ring leads of the two-wire interface via overvoltage
protection components and ring relay (and optional test relay).
8
VBAT
Battery supply Voltage. Negative with respect to GND.
9
VBAT2
An optional second (2) Battery Voltage connects to this pin via an external diode.
10
PSG
Programmable Saturation Guard. The resistive part of the DC feed characteristic is not used for
PBL 386 21/2, RSG = 0
Ω.
11
NC
No internal Connection.
12
LP
Connection for Low Pass filter capacitor, C
LP. Other end of CLP connects to VBAT.
13
DT
Input to the ring trip comparator. With DR more positive than DT the detector output, DET, is at logic
level low, indicating off-hook condition. The external ring trip network connects to this input.
14
DR
Input to the ring trip comparator. With DR more positive than DT the detector output, DET, is at logic
level low, indicating off-hook condition. The external ring trip network connects to this input.
Pin Description
Figure 7. Pin configuration, 24-pin SSOP, 24-pin SOIC and 28 pin PLCC package, top view.
1
2
3
4
5
6
7
8
9
10
11
24
23
22
21
20
19
18
17
16
15
14
RRLY
PTG
HP
RINGX
BGND
TIPX
VBAT
LP
POV
VTX
AGND
C2
RSN
REF
PLD
VCC
C1
DT
PSG
PLC
VBAT2
DET
12
13
DR
C3
24-pin SOIC
and
24-pin SSOP
5
6
7
8
9
10
11
25
24
23
22
21
20
19
BGND
TIPX
VBAT
VBAT2
PSG
NC
VCC
NC
PLD
POV
PLC
REF
NC
RINGX
28-pin PLCC


Similar Part No. - PBL386212SHT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL386202 ERICSSON-PBL386202 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL386202QNS ERICSSON-PBL386202QNS Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL386202QNT ERICSSON-PBL386202QNT Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
More results

Similar Description - PBL386212SHT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com