Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL230RD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSL230RD
Description  PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL230RD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL230RD Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL230RD Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL230RD Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL230RD Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL230RD Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL230RD Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL230RD Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL230RD Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL230RD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TSL230RD, TSL230ARD, TSL230BRD
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TAOS054P − OCTOBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
D Programmable Sensitivity and Full-Scale
Output Frequency
D Communicates Directly With a Microcontroller
D High Irradiance Responsivity . . .
790 Hz/(mW/cm2) Typical at 640 nm
D Single-Supply Operation . . . 2.7 V to 5.5 V
D Power-Down Feature ...5 mA Typical
D Nonlinearity Error Typically 0.2% at 100 kHz
D Stable 200 ppm/°C Temperature Coefficient
D Low-Profile Lead (Pb) Free and RoHS
Compliant Surface-Mount Package
Description
The TSL230RD, TSL230ARD, and TSL230BRD programmable light-to-frequency converters combine a
configurable silicon photodiode and a current-to-frequency converter on single monolithic CMOS integrated
circuit. The output can be either a pulse train or a square wave (50% duty cycle) with frequency directly
proportional to light intensity. Device sensitivity is selectable in three ranges, providing two decades of
adjustment. The full-scale output frequency can be scaled by one of four preset values. All inputs and the output
are TTL compatible, allowing direct two-way communication with a microcontroller for programming and output
interface. The output enable (OE) places the output in the high-impedance state for multiple-unit sharing of a
microcontroller input line.
The devices are available with absolute output frequency tolerances of ±10% (TSL230BRD), ±15%
(TSL230ARD), and ±20% (TSL230RD). They have been temperature compensated for the ultraviolet-to-visible
light range of 320 nm to 700 nm and respond over the light range of 320 nm to 1050 nm. The devices are
characterized over the temperature range of −25°C to 70°C.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode Array
S0
S1
S2
S3
OE
Output
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
8 S3
7 S2
6 OUT
5 VDD
PACKAGE D
8-LEAD SOIC
(TOP VIEW)
S0 1
S1 2
OE 3
GND 4


Similar Part No. - TSL230RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results

Similar Description - TSL230RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
   PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R-LF TAOS-TSL230R-LF Datasheet
147Kb / 8P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
Texas Instruments
TSL230 TI-TSL230 Datasheet
97Kb / 7P
[Old version datasheet]   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TCS3200 AMSCO-TCS3200 Datasheet
632Kb / 15P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS230 TAOS-TCS230 Datasheet
196Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
TCS230 TAOS-TCS230_08 Datasheet
170Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TCS230 ETC-TCS230 Datasheet
101Kb / 8P
   PROGRAMMABLE COLOR LIGHTTOFREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com