Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP752 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP752
Description  IR Receiver Modules for Remote Control Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP752 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP752 Datasheet HTML 1Page - Vishay Siliconix TSOP752 Datasheet HTML 2Page - Vishay Siliconix TSOP752 Datasheet HTML 3Page - Vishay Siliconix TSOP752 Datasheet HTML 4Page - Vishay Siliconix TSOP752 Datasheet HTML 5Page - Vishay Siliconix TSOP752 Datasheet HTML 6Page - Vishay Siliconix TSOP752 Datasheet HTML 7Page - Vishay Siliconix TSOP752 Datasheet HTML 8Page - Vishay Siliconix TSOP752 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Not for New Design - Replaced by New TSOP752.., TSOP754.. (#82494)
TSOP752.., TSOP754..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 16-Aug-12
1
Document Number: 81806
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
MECHANICAL DATA
Pinning:
1, 4 = GND, 2 = VS, 3 = OUT
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Capable of side or top view
• Two lenses for high sensitivity and wide
receiving angle
• Insensitive to supply voltage ripple and noise
• Narrow optical filter to reduce interference from plasma
TV emissions
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSOP752.., TSOP754.. series are two lens miniaturized
receiver modules for infrared remote control systems. One
PIN diode per lens and a preamplifier are assembled on a
leadframe, the epoxy lens cap is designed as an IR filter.
The demodulated output signal can be directly decoded by
a microprocessor. The TSOP752.. is compatible with all
common IR remote control data formats. The TSOP754.. is
optimized to suppress almost all spurious pulses from
energy saving fluorescent lamps but will also suppress
some data signals.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
1
2
3
4
20953
1
2
3
4
20953
PARTS TABLE
CARRIER FREQUENCY
STANDARD APPLICATIONS (AGC2/AGC8)
VERY NOISY ENVIRONMENTS (AGC4)
30 kHz
TSOP75230
TSOP75430
33 kHz
TSOP75233
TSOP75433
36 kHz
TSOP75236
TSOP75436
38 kHz
TSOP75238
TSOP75438
40 kHz
TSOP75240
TSOP75440
56 kHz
TSOP75256
TSOP75456
30 k
Ω
VS
OU T
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
2
3
1, 4
20445-1
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_5
OUT
R
1 and C1 are recommended for protection against EOS.
Components should be in the range of 33
Ω < R
1 < 1 kΩ,
C
1 > 0.1 µF.


Similar Part No. - TSOP752

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP752 VISHAY-TSOP752 Datasheet
627Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.9, 26-Apr-2018
TSOP752 VISHAY-TSOP752 Datasheet
403Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP752-W VISHAY-TSOP752-W Datasheet
330Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 22-Jul-16
TSOP752.. VISHAY-TSOP752.. Datasheet
403Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP752..W VISHAY-TSOP752..W Datasheet
369Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
More results

Similar Description - TSOP752

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com