Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL230BRD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TSL230BRD
Description  PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL230BRD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TSL230BRD Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL230BRD Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL230BRD Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL230BRD Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL230BRD Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL230BRD Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL230BRD Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL230BRD Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL230BRD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TSL230RD, TSL230ARD, TSL230BRD
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TAOS054P − OCTOBER 2007
6
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
APPLICATION INFORMATION
Power-Supply Considerations
Power-supply lines must be decoupled by a 0.01-μF to 0.1-μF capacitor with short leads placed close to the
TSL230RD device package. A low-noise power supply is required to minimize jitter on output pulses.
Device Operational Details
The frequency at the output pin (OUT) is given by:
fO = fD + (Re) (Ee)
where:
fO
is the output frequency
fD
is the output frequency for dark condition (Ee = 0)
Re
is the device responsivity for a given wavelength of light given in kHz/(μW/cm2)
Ee
is the incident irradiance in μW/cm2
fD is an output frequency resulting from leakage currents. As shown in the equation above, this frequency
represents a light-independent term in the total output frequency fO. At very low light levels, this dark frequency
can be a significant portion of fO. The dark frequency is temperature dependent. For optimum performance of
any given device over the full output range, the value of fD should be measured (in the absence of light) and
later subtracted from subsequent light measurement (see Figure 1).
Input Interface
A low-impedance electrical connection between the device OE pin and the device GND pin is required for
improved noise immunity.
Output Interface
The output of the device is designed to drive a standard TTL or CMOS logic input over short distances. If lines
greater than 12 inches are used on the output, a buffer or line driver is recommended.
Sensitivity Adjustment
Sensitivity is controlled by two logic inputs, S0 and S1. Sensitivity is adjusted using an electronic iris technique
— effectively an aperture control — to change the response of the device to a given amount of light. The
sensitivity can be set to one of three levels: 1×, 10×, or 100×, providing two decades of adjustment. This allows
the responsivity of the device to be optimized to a given light level while preserving the full-scale
output-frequency range. Changing of sensitivity also changes the effective photodiode area by the same factor.


Similar Part No. - TSL230BRD

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL230BRD TAOS-TSL230BRD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL230BRD AMSCO-TSL230BRD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results

Similar Description - TSL230BRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
   PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R-LF TAOS-TSL230R-LF Datasheet
147Kb / 8P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
Texas Instruments
TSL230 TI-TSL230 Datasheet
97Kb / 7P
[Old version datasheet]   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TCS3200 AMSCO-TCS3200 Datasheet
632Kb / 15P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS230 TAOS-TCS230 Datasheet
196Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
TCS230 TAOS-TCS230_08 Datasheet
170Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TCS230 ETC-TCS230 Datasheet
101Kb / 8P
   PROGRAMMABLE COLOR LIGHTTOFREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com