Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJF44HNPN Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CJF44HNPN
Description  SILICON PLANAR POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF44HNPN Datasheet(HTML) 3 Page - Continental Device India Limited

  CJF44HNPN Datasheet HTML 1Page - Continental Device India Limited CJF44HNPN Datasheet HTML 2Page - Continental Device India Limited CJF44HNPN Datasheet HTML 3Page - Continental Device India Limited CJF44HNPN Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CJF44H11 NPN
TO-220FP Fully Isolated
Plastic Package
TO-220FP Fully Isolated Plastic Package
TO-220 FP Tube Packing
TO-220FP
200 pcs/polybag
50 pcs/tube
396 gm/200 pcs
135 gm/50 pcs
3" x 7.5" x 7.5"
3.5" x 3.7" x 21.5"
1K
1K
17" x 15" x 13.5"
19" x 19" x 19"
16K
10K
36 kgs
28 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
DIM
MIN
MAX
All diminsions in mm.
A
B
C
D
E
F
G
H
J
9.80
2.50
4.30
3.10
6.50
14.80
0.40
2.50
2.34
K
L
M
0.6
10.36
3.00
4.90
3.40
8.20
17.27
0.70
2.96
2.74
4.70
30.05
0.90
Pin Configuration
1. Base
2. Collector
3. Emitter
3
2
1
A
D
C
M
J
J
G
1
2
3
±1.5
536.00
Label
DEVICE NAME
Sr.
QTY.
End Pin
13.74
6.87
Tube Thickness
50 Pcs./Tube
All Dimensions in mm
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 pcs./Ammo Pack
538
.00
75.0
Label
DEV
ICE
NA
ME
Sr.
Qty
.
Continental Device India Limited
Data Sheet
Page 3 of 4
CJF45H11 PNP


Similar Part No. - CJF44HNPN

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CJF44HNPN

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF2955PNP CDIL-CJF2955PNP Datasheet
228Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15028NPN CDIL-CJF15028NPN Datasheet
101Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CDN055NPN CDIL-CDN055NPN Datasheet
81Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15032NPN CDIL-CJF15032NPN Datasheet
96Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
2N3055 TEL-2N3055 Datasheet
150Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com