Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL386402SHT Datasheet(PDF) 10 Page - Ericsson

Part # PBL386402SHT
Description  Subscriber Line Interface Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386402SHT Datasheet(HTML) 10 Page - Ericsson

Back Button PBL386402SHT Datasheet HTML 6Page - Ericsson PBL386402SHT Datasheet HTML 7Page - Ericsson PBL386402SHT Datasheet HTML 8Page - Ericsson PBL386402SHT Datasheet HTML 9Page - Ericsson PBL386402SHT Datasheet HTML 10Page - Ericsson PBL386402SHT Datasheet HTML 11Page - Ericsson PBL386402SHT Datasheet HTML 12Page - Ericsson PBL386402SHT Datasheet HTML 13Page - Ericsson PBL386402SHT Datasheet HTML 14Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PBL 386 40/2
10
Transmission
General
A simplified ac model of the transmission
circuits is shown in figure 9. Circuit
analysis yields:
(1)
(2)
V
TR = EL - IL · ZL
(3)
where:
V
TX
is a ground referenced version of
the ac metallic voltage between the
TIPX and RINGX terminals.
G
2-4S is the programmable SLIC two-wire
to four-wire gain (transmit
direction). See note below.
V
TR
is the ac metallic voltage between
tip and ring.
E
L
is the line open circuit ac metallic
voltage.
I
L
is the ac metallic current.
R
F
is a fuse resistor.
R
P
is part of the SLIC protection.
Z
L
is the line impedance.
Functional Description
and Applications Infor-
mation
V
Z
V
Z
I
TX
T
RX
RX
L
RSN
+=
α
Z
T
determines the SLIC TIPX to
RINGX impedance at voice
frequencies.
Z
RX
controls four- to two-wire gain.
V
RX
is the analog ground referenced
receive signal.
α
RSN
is the receive summing node
current to metallic loop current
gain = 200.
Note that the SLICs two-wire to four-wire
gain, G
2-4S, is user programmable
between two fix values. Refer to the
datasheets for values on G
2-4S.
Two-Wire Impedance
To calculate Z
TR, the impedance pre-
sented to the two-wire line by the SLIC
including the fuse and protection
resistors R
F and RP, let:
V
RX = 0.
From (1) and (2):
Thus with Z
TR, αRSN, G2-4S, RP and RF
known:
Two-Wire to Four-Wire Gain
From (1) and (2) with V
RX = 0:
V
V
G
IR
R
TR
TX
S
LF
P
=+ ⋅
+
24
22
()
Z
Z
G
RR
TR
T
RSN
S
FP
=
++
α
24
22
ZG
Z
R
R
T
RSN
S
TR
F
P
=⋅
α
24
22
()
G
V
V
Z
Z
G
RR
TX
TR
T
RSN
T
RSN
S
FP
24
24
22
==
++
/
α
α
Four-Wire to Two-Wire Gain
From (1), (2) and (3) with E
L = 0:
For applications where
Z
T/(αRSN·G2-4S) + 2RF + 2RP is chosen to
be equal to Z
L the expression for G4-2
simplifies to:
Four-Wire to Four-Wire Gain
From (1), (2) and (3) with E
L = 0:
Hybrid Function
The hybrid function can easily be
implemented utilizing the uncommitted
amplifier in conventional CODEC/filter
combinations. Please, refer to figure 10.
Via impedance Z
B a current proportional
to V
RX is injected into the summing node
of the combination CODEC/filter ampli-
fier. As can be seen from the expression
for the four-wire to four-wire gain a
voltage proportional to V
RX is returned to
V
TX. This voltage is converted by RTX to a
current flowing into the same summing
node. These currents can be made to
cancel by letting:
The four-wire to four-wire gain, G
4-4,
includes the required phase shift and
thus the balance network Z
B can be
calculated from:
Figure 9. Simplified ac transmission circuit.
V
R
V
Z
E
TX
TX
RX
B
L
+=
=
00
()
G
Z
ZG
T
RX
S
42
24
1
2
=−
G
V
V
Z
Z
Z
Z
GZ
R
R
TR
RX
T
RX
L
T
RSN
SL
F
P
42
24
22
==
−⋅
+⋅
+
+
α
()
G
V
V
Z
Z
GZ
R
R
Z
GZ
R
R
TX
RX
T
RX
SL
F
P
T
RSN
SL
F
P
44
24
24
22
22
==
−⋅
⋅+
+
+⋅
+
+
()
()
α
ZR
V
V
R
Z
Z
Z
GZ
R
R
GZ
R
R
BTX
RX
TX
TX
RX
T
T
RSN
SL
F
P
SL
F
P
=−
=
⋅⋅
+⋅
+
+
⋅+
+
α
24
24
22
22
()
()
PBL 386 40/2
+
-
+
-
VTX
RSN
I L /αRSN
TIPX
RINGX
+
-
EL
+
-
TIP
RING
RF
RF
ZTR
ZT
VTX
VRX
ZRX
IL
IL
RHP
+
-
ZL
VTR
RP
G 2-4S
RP


Similar Part No. - PBL386402SHT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results

Similar Description - PBL386402SHT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com