Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMVH350ADA470MHA0G Datasheet(PDF) 1 Page - Nichicon corporation

Part # EMVH350ADA470MHA0G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

EMVH350ADA470MHA0G Datasheet(HTML) 1 Page - Nichicon corporation

  EMVH350ADA470MHA0G Datasheet HTML 1Page - Nichicon corporation EMVH350ADA470MHA0G Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
High heat resistance, 125
AIchipTM-
MVH
Series
・Lower ESR, Higher ripple current
・Endurance : 1,000 to 5,000 hours at 125℃
・Suitable to fit for automotive equipment
・Solvent resistant type except 63 to 450Vdc (see PRECAUTIONS AND GUIDELINES)
・Vibration resistant structure
・RoHS Compliant
◆SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +125
10 to 450Vdc
±20% (M)
Rated voltage (Vdc)
F60 to JA0
I=0.01CV or 3
µA, whichever is greater.
KE0 to MN0
I=0.03CV or 4
µA, whichever is greater.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tanδ(Max.)
When nominal capacitance exceeds 1,000
µF, add 0.02 to the value above for each 1,000µF increase.
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for the specified
time at 125
℃.
F60 to H63 (10 to 100Vdc)
: 1,000hours
Time
HA0 to JA0 (10 to 100Vdc)
: 2,000hours
KE0 to MN0 (10 to 100Vdc) : 5,000hours
KE0 to MN0 (160 to 450Vdc) : 2,000hours
Capacitance change
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours (500 hours
for 400 to 450Vdc) at 125
℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage
according to Item 4.1 of JIS C 5101-4.
Rated voltage(Vdc)
10 to 50Vdc
63 to 450Vdc
Capacitance change
≦±30% of the initial value
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value ≦300% of the initial specified value
Leakage current
≦The initial specified value
≦500% of the initial specified value
Characteristics
10V
0.24
0.22
10V
3
6
4
8
16V
0.20
0.18
16V
2
4
3
6
25V
0.16
0.16
25V
2
4
2
4
35V
0.14
0.14
35V
2
3
2
3
50V
0.14
0.12
50V
2
3
2
3
63V
0.12
0.14
63V
2
3
2
3
80V
0.12
-
80V
2
3
-
-
100V
0.10
0.10
100V
2
3
2
3
160 to 250V
-
0.20
160 to 250V
-
-
3
6
400 & 450V
-
0.24
400 & 450V
-
-
6
10
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
F60 to JA0
KE0 to MN0
F60 to JA0
KE0 to MN0
160 to 450Vdc
I=0.04CV+100
10 to 100Vdc
◆DIMENSIONS [mm]
L
±0.5 (Note)
0.3max.
A
±0.2
W
Note : L
±0.3 for F60 and F80
L
±0.5
0.3max.
A
±0.2
W
: Dummy terminals
Size code : F60 to MN0
Terminal Code : G(Vibration resistant structure)
Size code : HA0 to MN0
Terminal Code : A
Vent
(Except F60 to HA0)
Vent
(Except HA0)
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7
µF:4R7,10µF:100)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 10V:100,50V:500, 100V: 101)
Series code
Category
E M V H A A A A A A A A A
A A A N
M
1
3
4
2
6
78
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (surface mount type)"
125
MVH
MVE P70
Size code
F60
F80
H63
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
D
6.3
6.3
8
8
10
12.5
12.5
16
16
18
18
L
5.7
7.7
6.3
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
6.6
6.6
8.3
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
6.6
6.6
8.3
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
7.2
7.2
9.0
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.9
1.9
2.3
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
◆MARKING
MVH
0V
1000
16V
EX) 16V1,000
µF
KE0 to MN0
74H
47
35V
EX) 35V47
µF
F60 to JA0
94
CAT. No. E1001N
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EMVH350ADA470MHA0G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMVH350ADA470MHA0G ETC1-EMVH350ADA470MHA0G Datasheet
79Kb / 2P
   EMVH500ADA330MF80G
logo
United Chemi-Con, Inc.
EMVH350ADA470MHA0G CHEMI-CON-EMVH350ADA470MHA0G Datasheet
56Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVH350ADA470MHA0G CHEMI-CON-EMVH350ADA470MHA0G Datasheet
66Kb / 2P
   High heat resistance, 125C
More results

Similar Description - EMVH350ADA470MHA0G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com